Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

51441-2472 Datasheet(PDF) 5 Page - Molex Electronics Ltd.

Part # 51441-2472
Description  0.50mm (.020") Pitch Easy-On??Type FFC/FPC Connector, Right Angle, SMT, ZIF,Bottom Contact Style, 1.10mm (.043") Mated Height, 24 Circuits, Lead-free, GoldContact Plating
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

51441-2472 Datasheet(HTML) 5 Page - Molex Electronics Ltd.

  51441-2472 Datasheet HTML 1Page - Molex Electronics Ltd. 51441-2472 Datasheet HTML 2Page - Molex Electronics Ltd. 51441-2472 Datasheet HTML 3Page - Molex Electronics Ltd. 51441-2472 Datasheet HTML 4Page - Molex Electronics Ltd. 51441-2472 Datasheet HTML 5Page - Molex Electronics Ltd. 51441-2472 Datasheet HTML 6Page - Molex Electronics Ltd. 51441-2472 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image


Similar Part No. - 51441-2472

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
51441-2072 MOLEX7-51441-2072 Datasheet
504Kb / 7P
   0.50mm (.020") Pitch Easy-On??Type FFC/FPC Connector, Right Angle, SMT, ZIFBottom Contact Style, 1.10mm (.043") Mated Height, 20 Circuits, Lead-free, GoldContact Plating
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com