Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

50542-7925 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 50542-7925
Description  Ring Tongue Terminal for 3/0 AWG, Closed Uninsulated Brazed Barrel, Stud Size 5/8
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

50542-7925 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  50542-7925 Datasheet HTML 1Page - Molex Electronics Ltd. 50542-7925 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 50542-7925

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
50542-7125 MOLEX7-50542-7125 Datasheet
104Kb / 2P
   Ring Tongue Terminal for 3/0 AWG, Closed Uninsulated Brazed Barrel, Stud Size5/16" (M8), Oxygen-Free Copper, Length 54.20mm (2.134
More results

Similar Description - 50542-7925

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0505567512 MOLEX7-0505567512 Datasheet
97Kb / 2P
   Ring Tongue Terminal for 6 AWG, Closed Uninsulated Brazed Barrel, Stud Size5/16
0504097626 MOLEX7-0504097626 Datasheet
108Kb / 2P
   Ring Tongue Terminal for 400MCM AWG, Closed Uninsulated Brazed Barrel, StudSize 7/8
0505557312 MOLEX7-0505557312 Datasheet
97Kb / 2P
   Ring Tongue Terminal for 8 AWG, Closed Uninsulated Brazed Barrel, Stud Size M10,Oxygen-Free Copper, Length 29.50mm (1.161")
0505437225 MOLEX7-0505437225 Datasheet
107Kb / 2P
   Ring Tongue Terminal for 4/0 AWG, Closed Uninsulated Brazed Barrel, Stud Size M10 Oxygen-Free Copper, Length 55.60mm (2.189")
0508627225 MOLEX7-0508627225 Datasheet
86Kb / 2P
   Ring Tongue Terminal for 2/0 AWG, Closed Uninsulated Brazed Barrel, Stud Size M10 Oxygen-Free Copper, Length 51.00mm (2.008")
0505437226 MOLEX7-0505437226 Datasheet
107Kb / 2P
   Ring Tongue Terminal for 4/0 AWG, Closed Uninsulated Brazed Barrel, Stud Size M24, Oxygen-Free Copper, Length 69.00mm (2.717")
0505417225 MOLEX7-0505417225 Datasheet
105Kb / 2P
   Ring Tongue Terminal for 1/0 AWG, Closed Uninsulated Brazed Barrel, Stud Size M10,Oxygen-Free Copper, Length 49.70mm (1.957")
0508607112 MOLEX7-0508607112 Datasheet
91Kb / 2P
   Ring Tongue Terminal for 2 AWG, Closed Uninsulated Brazed Barrel, Stud Size 5/8" (M16), Oxygen-Free Copper, Length 52.00mm (2.047")
0508557512 MOLEX7-0508557512 Datasheet
99Kb / 2P
   Ring Tongue Terminal for 12 AWG, Closed Uninsulated Brazed Barrel, Stud Size M10Oxygen-Free Copper, Length 25.00mm (.984")
0508557112 MOLEX7-0508557112 Datasheet
99Kb / 2P
   Ring Tongue Terminal for 12 AWG, Closed Uninsulated Brazed Barrel, Stud Size 8(M4), Oxygen-Free Copper, Length 17.80mm (.701")
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com