Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S1T8603X01 Datasheet(PDF) 1 Page - Samsung semiconductor

Part # S1T8603X01
Description  UNIVERSAL SPEECH NETWORK
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S1T8603X01 Datasheet(HTML) 1 Page - Samsung semiconductor

  S1T8603X01 Datasheet HTML 1Page - Samsung semiconductor S1T8603X01 Datasheet HTML 2Page - Samsung semiconductor S1T8603X01 Datasheet HTML 3Page - Samsung semiconductor S1T8603X01 Datasheet HTML 4Page - Samsung semiconductor S1T8603X01 Datasheet HTML 5Page - Samsung semiconductor S1T8603X01 Datasheet HTML 6Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNIVERSAL SPEECH NETWORK
S1T8603
1
INTRODUCTION
The S1T8603 can fulfill the standards of other countries by changing
the external component. Dynamic or piezoelectric type can be used
with receiver. Each gain is controlled with AGC in accordance with the
line current. The S1T8603 can be operated down to D.C line 1.6V.
FEATURES
Independent adjustment of DC resistance and AC impedance.
ECM or dynamic microphone can be used.
DTMF signal interface.
Mute function
Operates at the low line voltage (1.6V)
Low or high impedance receiver type can be used.
Low line current operation. (IL = 4mA)
ORDERING INFORMATION
Device
Package
Operating Temperature
S1T8603X01-D0B0
16
−DIP−300A
− 25°C to +75°C
S1T8603X-S0B0
16
−SOP−225
16
−DIP−300A
16
−SOP−225


Similar Part No. - S1T8603X01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S1T8602B SAMSUNG-S1T8602B Datasheet
66Kb / 8P
   LOW VOLTAGE AUDIO AMPLIFIER
S1T8602B01-D0B0 SAMSUNG-S1T8602B01-D0B0 Datasheet
66Kb / 8P
   LOW VOLTAGE AUDIO AMPLIFIER
S1T8602B01-S0B0 SAMSUNG-S1T8602B01-S0B0 Datasheet
66Kb / 8P
   LOW VOLTAGE AUDIO AMPLIFIER
More results

Similar Description - S1T8603X01

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KA8603 SAMSUNG-KA8603 Datasheet
67Kb / 5P
   UNIVERSAL SPEECH NETWORK
logo
AUK corp
SL5021P AUK-SL5021P Datasheet
74Kb / 6P
   UNIVERSAL SPEECH NETWORK
logo
Daewoo Semiconductor
DBL5016 DAEWOO-DBL5016 Datasheet
391Kb / 7P
   UNIVERSAL SPEECH NETWORK
DBL5022 DAEWOO-DBL5022 Datasheet
298Kb / 6P
   UNIVERSAL SPEECH NETWORK
logo
AUK corp
SL5022P AUK-SL5022P Datasheet
75Kb / 6P
   UNIVERSAL SPEECH NETWORK
logo
Daewoo Semiconductor
DBL5021 DAEWOO-DBL5021 Datasheet
243Kb / 5P
   UNIVERSAL SPEECH NETWORK
logo
Hynix Semiconductor
GL6962 HYNIX-GL6962 Datasheet
108Kb / 12P
   Low Voltage Universal Speech Network
logo
Rohm
BA6566 ROHM-BA6566 Datasheet
154Kb / 9P
   Speech network
logo
Panasonic Semiconductor
AN6150 PANASONIC-AN6150 Datasheet
51Kb / 5P
   Speech Network Circuit
AN6152 PANASONIC-AN6152 Datasheet
30Kb / 3P
   Speech Network Circuit
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com