Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0565790519 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0565790519
Description  USB On-The-Go (OTG) Mini-AB Receptacle, Right Angle, Through Hole Solder Tailsand Shell Tabs, Lead-free
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0565790519 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0565790519 Datasheet HTML 1Page - Molex Electronics Ltd. 0565790519 Datasheet HTML 2Page - Molex Electronics Ltd. 0565790519 Datasheet HTML 3Page - Molex Electronics Ltd. 0565790519 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 03/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0565790519
Status:
Active
Description:
USB On-The-Go (OTG) Mini-AB Receptacle, Right Angle, Through Hole Solder Tails
and Shell Tabs, Lead-free
Documents:
3D Model
Product Specification PS-56579-015 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
I/O Connectors
Series
56579
Application
Wire-to-Board
Component Type
Receptacle
Product Name
USB, USB OTG (On-The-Go)
Type
Mini-AB (OTG)
Physical
Boot Color
N/A
Circuits (Loaded)
5
Circuits (maximum)
5
Color - Resin
Gray
Gender
Receptacle
Lock to Mating Part
Yes
Material - Metal
High Performance Alloy (HPA), Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
1
Orientation
Right Angle
PC Tail Length (in)
0.071 In
PC Tail Length (mm)
1.80 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.031 In
PCB Thickness Recommended (mm)
0.80 mm
Packaging Type
Tray
Panel Mount
No
Pitch - Mating Interface (in)
0.031 In
Pitch - Mating Interface (mm)
0.80 mm
Pitch - Term. Interface (in)
0.031 In
Pitch - Term. Interface (mm)
0.80 mm
Plating min: Mating (µin)
30.4
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
40
Plating min: Termination (µm)
1
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Ports
1
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-40°C to +85°C
Termination Interface: Style
Through Hole
Waterproof / Dustproof
No
Wire Size AWG
N/A
Electrical
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
56579Series
Mates With
59205-3301 , 59204-9405


Similar Part No. - 0565790519

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0565790519 MOLEX1-0565790519 Datasheet
36Kb / 2P
   Mini USB, AB-Receptacle, Right-Angle, Through Hole Solder Tails and Shell Tabs,Lead-Free
0565790519 MOLEX1-0565790519_18 Datasheet
36Kb / 2P
   Mini USB, AB-Receptacle, Right-Angle, Through Hole Solder Tails and Shell Tabs,Lead-Free
More results

Similar Description - 0565790519

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0548190519 MOLEX7-0548190519 Datasheet
203Kb / 4P
   USB On-The-Go (OTG) Mini-B Receptacle, Right Angle, Through Hole Solder Tails andShell Tabs, Lead-free
5000751517 MOLEX11-5000751517 Datasheet
129Kb / 3P
   USB On-The-Go (OTG) Mini-B Receptacle, Vertical, Through Hole Solder Tails and Shell Tabs, Lead-free
0513870530 MOLEX7-0513870530 Datasheet
216Kb / 5P
   USB On-The-Go (OTG) Mini-B Receptacle, Right Angle, Short Body, SMT Solder Tailsand Through Hole Shell Tabs, with Cover Tape, Reflow DIP Type, Lead-free
0565790519 MOLEX1-0565790519_18 Datasheet
36Kb / 2P
   Mini USB, AB-Receptacle, Right-Angle, Through Hole Solder Tails and Shell Tabs,Lead-Free
0678030031 MOLEX8-0678030031 Datasheet
124Kb / 3P
   Universal Serial Bus (USB) On-The-Go (OTG) Mini-AB Receptacle, Right Angle, SMT, with Shell Tabs and Plastic
0678038040 MOLEX8-0678038040 Datasheet
127Kb / 3P
   Universal Serial Bus (USB) On-The-Go (OTG) Mini-AB Receptacle, Right Angle, Surface Mount Solder Tails and Shell Tabs, with Plastic Pegs, Color Gray, Lead Free
0678038021 MOLEX8-0678038021 Datasheet
121Kb / 3P
   Universal Serial Bus (USB) On-The-Go (OTG) Mini-AB Receptacle, Right Angle, Surface Mount Solder Tails and Shell Tabs, with Plastic Pegs, Color Gray, Lead Free
0565790576 MOLEX7-0565790576 Datasheet
306Kb / 5P
   USB On-The-Go (OTG) Mini-AB Receptacle, Right Angle, SMT Solder Tails and ShellTabs, with Cover Tape, Lead-Free
0548190519 MOLEX1-0548190519_18 Datasheet
40Kb / 2P
   Mini USB, B-Receptacle, Right-Angle, Through Hole Solder Tails and Shell Tabs, Lead-Free
0678038020 MOLEX8-0678038020 Datasheet
121Kb / 3P
   Universal Serial Bus (USB) On-The-Go (OTG) Mini-AB Receptacle, Right Angle, SMT,with Shell Tabs, Plastic Pegs and Cover Tape, Color Gray, Lead Free
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com