Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54679-1619 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 54679-1619
Description  1.25mm (.049") Pitch Small MGC (Multi-Ground Connector) Panel Mount Receptacle Housing Adapter, Polarizing Key 2.00mm (.079") Left From the Center
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

54679-1619 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  54679-1619 Datasheet HTML 1Page - Molex Electronics Ltd. 54679-1619 Datasheet HTML 2Page - Molex Electronics Ltd. 54679-1619 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0546791619
Status:
Active
Description:
1.25mm (.049") Pitch Small MGC (Multi-Ground Connector) Panel Mount Receptacle
Housing Adapter, Polarizing Key 2.00mm (.079") Left From the Center
Documents:
3D Model
Product Specification PS-54678-007 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Accessories
Series
54679
Component Type
Adapter
Product Name
Small MGC
Physical
Circuits (Loaded)
16
Color - Resin
Gray
Gender
Female
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
Polyester
Number of Rows
2
Packaging Type
Tray
Plating min: Mating (µin)
4
Plating min: Mating (µm)
0.1
Plating min: Termination (µin)
40
Plating min: Termination (µm)
2
Polarized to Mating Part
Yes
Temperature Range - Operating
-20°C to +80°C
Termination Interface: Style
N/A, Through Hole
Electrical
Current - Maximum per Contact
1.5A
Material Info
Reference - Drawing Numbers
Product Specification
PS-54678-007
Sales Drawing
SD-54679-004
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
54679Series
Use With
54596 Series
This document was generated on 04/16/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 54679-1619

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
54679-1609 MOLEX7-54679-1609 Datasheet
181Kb / 3P
   1.25mm (.049") Pitch Small MGC (Multi-Ground Connector) Panel Mount ReceptacleHousing Adapter, Polarizing Key 6.00mm (.236") Left From the Center
54679-1629 MOLEX7-54679-1629 Datasheet
181Kb / 3P
   1.25mm (.049") Pitch Small MGC (Multi-Ground Connector) Panel Mount ReceptacleHousing Adapter, Polarizing Key 2.00mm (.079") Right From the Center
54679-1639 MOLEX7-54679-1639 Datasheet
181Kb / 3P
   1.25mm (.049") Pitch Small MGC (Multi-Ground Connector) Panel Mount ReceptacleHousing, Polarizing Key 6.00mm (.236") Right From the Center
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com