Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5A1901H02 Datasheet(PDF) 7 Page - Samsung semiconductor

Part # S5A1901H02
Description  AUDIO EFFECT PROCESSOR
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5A1901H02 Datasheet(HTML) 7 Page - Samsung semiconductor

Back Button S5A1901H02 Datasheet HTML 3Page - Samsung semiconductor S5A1901H02 Datasheet HTML 4Page - Samsung semiconductor S5A1901H02 Datasheet HTML 5Page - Samsung semiconductor S5A1901H02 Datasheet HTML 6Page - Samsung semiconductor S5A1901H02 Datasheet HTML 7Page - Samsung semiconductor S5A1901H02 Datasheet HTML 8Page - Samsung semiconductor S5A1901H02 Datasheet HTML 9Page - Samsung semiconductor S5A1901H02 Datasheet HTML 10Page - Samsung semiconductor S5A1901H02 Datasheet HTML 11Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 70 page
background image
AUDIO EFFECT PROCESSOR
S5A1901H02
7
41
DSDI2
DI
Digital serial data input 2 (DSDI2)
Schmitt trigger
42
DBCKI2
DI
DSDI2 bit clock
Schmitt trigger
43
DLRCKI2
DI
DSDI2 left/right flag clock
Schmitt trigger
44
VDD6
DP
Digital power +5 V
45
GND6
DG
Digital ground
46
DSDO2
DO
Digital serial data output 2 (DSDO2)
47
DBCKO2
DO
DSDO2 bit clock
48
DLRCKO2
DO
DSDO2 left/right flag clock
49
DSDO1
DO
Digital serial data output 1 (DSDO1)
50
DBCKO1
I/O
DSDO1 bit clock
Schmitt trigger
Down
51
DLRCKO1
I/O
DSDO1 left/right flag clock
Schmitt trigger
Down
52
VDD7
DP
Digital power +5 V
53
GND7
DG
Digital ground
54
DSDI1
DI
Digital serial data input 1 (DSDI1)
Schmitt trigger
55
DBCKI1
DI
DSDI1 bit clock
Schmitt trigger
56
DLRCKI1
DI
DSDI1 left/right flag clock
Schmitt trigger
57
VDD8
DP
Digital power +5 V
58
GND8
DG
Digital ground
59
HACK
DO
Normal host interface acknowledge
60
TINT1
DO
Interrupt indicator
61
NC
-
Reserved for chip test
62
SPWDN
DO
System power down indicator
63
NC
-
Reserved for chip test
64
CLKO
DO
Clock output 33.8688 / 3 = 11.2896MHz
65
VDD9
DP
Digital power +5 V
66
GND9
DG
Digital ground
67
XO
DO
Crystal oscillator output terminal (16.9344MHz)
68
XI
DI
Crystal oscillator input terminal (16.9344MHz)
69
CLKS
DI
System clock source selection (0: doubler, 1:
external)
Down
70
MCLK
I/O
External clock input/doubler clock output
according to CLKS
Down
S5A1901H02 PIN DESCRIPTION (Continued)
No
Pin Name
I/O
Function
Pad Type
Pull Up/Down


Similar Part No. - S5A1901H02

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5A1903X01 SAMSUNG-S5A1903X01 Datasheet
128Kb / 20P
   DATA PROCESSOR
S5A1903X01-E0R0 SAMSUNG-S5A1903X01-E0R0 Datasheet
128Kb / 20P
   DATA PROCESSOR
More results

Similar Description - S5A1901H02

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KD16901 SAMSUNG-KD16901 Datasheet
959Kb / 70P
   AUDIO EFFECT PROCESSOR
logo
Silan Microelectronics ...
SC5387 SILAN-SC5387 Datasheet
100Kb / 5P
   3D EFFECT AUDIO PROCESSOR
logo
Princeton Technology Co...
PT2387 PTC-PT2387 Datasheet
43Kb / 2P
   3D Effect Audio Processor IC
PT2387 PTC-PT2387_10 Datasheet
296Kb / 12P
   3D Effect Audio Processor IC
logo
New Japan Radio
NJW1143 NJRC-NJW1143 Datasheet
160Kb / 17P
   AUDIO PROCESSOR
NJW1138 NJRC-NJW1138 Datasheet
352Kb / 21P
   AUDIO PROCESSOR
NJW1141 NJRC-NJW1141 Datasheet
287Kb / 20P
   AUDIO PROCESSOR
NJW1142 NJRC-NJW1142 Datasheet
123Kb / 14P
   AUDIO PROCESSOR
NJW1173 NJRC-NJW1173 Datasheet
155Kb / 17P
   AUDIO PROCESSOR
NJW1172 NJRC-NJW1172 Datasheet
604Kb / 23P
   AUDIO PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com