Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5F325NU02 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # S5F325NU02
Description  1/3 INCH CCD IMAGE SENSOR FOR EIA CAMERA
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5F325NU02 Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button S5F325NU02 Datasheet HTML 5Page - Samsung semiconductor S5F325NU02 Datasheet HTML 6Page - Samsung semiconductor S5F325NU02 Datasheet HTML 7Page - Samsung semiconductor S5F325NU02 Datasheet HTML 8Page - Samsung semiconductor S5F325NU02 Datasheet HTML 9Page - Samsung semiconductor S5F325NU02 Datasheet HTML 10Page - Samsung semiconductor S5F325NU02 Datasheet HTML 11Page - Samsung semiconductor S5F325NU02 Datasheet HTML 12Page - Samsung semiconductor S5F325NU02 Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
1/3 INCH CCD IMAGE SENSOR FOR EIA CAMERA
S5F325NU02
9
OPERATING CHARACTERISTICS
Device Temperature = 25
°C
NOTE: Test Temperature = 60
°C
TEST CONDITION
1. Use a light source with color temperature of 3,200K hallogen lamp and CM-500S for IR cut filter.
The light source is adjusted in accordance with the average value of Y signals indicated in each item.
2. Through the following tests the substrate voltage should be set to the value while the device condition
should be kept within the range of the bias and clock conditions.
Table 7. Operating Characteristics
Item
Symbol
Min.
Typ.
Max.
Unit
Remark
Sensitivity
S
95
105
mV/lux
1
Saturation signal
YSAT
600
mV
2
Smear
SM
0.007
0.015
%
3
Blooming margin
BM
1,000
times
4
Uniformity
U
20
%
5
Dark signal (NOTE)
D
2
mV
6
Dark shading (NOTE)
∆D
2
mV
7
Image lag
YLAG
0.5
%
8
Flicker
FY
1
%
9


Similar Part No. - S5F325NU02

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5F329PW02 SAMSUNG-S5F329PW02 Datasheet
214Kb / 18P
   1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
S5F329PW02-DAB0 SAMSUNG-S5F329PW02-DAB0 Datasheet
214Kb / 18P
   1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
More results

Similar Description - S5F325NU02

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KC73125UBA SAMSUNG-KC73125UBA Datasheet
224Kb / 18P
   1/3 INCH CCD IMAGE SENSOR FOR EIA CAMERA
KC73125MP SAMSUNG-KC73125MP Datasheet
207Kb / 18P
   1/3 INCH CCD IMAGE SENSOR FOR EIA CAMERA
KC74125B SAMSUNG-KC74125B Datasheet
231Kb / 18P
   1/4 INCH CCD IMAGE SENSOR FOR EIA CAMERA
logo
A1 PROs co., Ltd.
AI325 A1PROS-AI325 Datasheet
87Kb / 8P
   1/3 inch CCD Image Sensor for EIA B/W Camera
logo
Sony Corporation
ICX054AL SONY-ICX054AL Datasheet
341Kb / 17P
   1/3-inch CCD Image Sensor for EIA B/W Camera
ICX038BLA SONY-ICX038BLA Datasheet
374Kb / 17P
   1/2 inch CCD Image Sensor for EIA B/W Camera
ICX058AL SONY-ICX058AL Datasheet
332Kb / 17P
   1/3-inch CCD Image Sensor for EIA Black-and-White Video Camera
logo
Samsung semiconductor
S5F329PW02 SAMSUNG-S5F329PW02 Datasheet
214Kb / 18P
   1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
logo
A1 PROs co., Ltd.
AI329CA A1PROS-AI329CA Datasheet
58Kb / 8P
   1/3 inch CCD Image Sensor for PAL Camera
logo
Samsung semiconductor
KC73129UBA SAMSUNG-KC73129UBA Datasheet
227Kb / 18P
   1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com