Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54559-4011 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 54559-4011
Description  2.54mm (0.100") Pitch QF-50??Flat Cable Receptacle Housing, 40 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

54559-4011 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  54559-4011 Datasheet HTML 1Page - Molex Electronics Ltd. 54559-4011 Datasheet HTML 2Page - Molex Electronics Ltd. 54559-4011 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
This document was generated on 04/07/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 54559-4011

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
54559-1011 MOLEX7-54559-1011 Datasheet
163Kb / 3P
   2.54mm (0.100") Pitch QF-50??Flat Cable Receptacle Housing, 10 Circuits
54559-1411 MOLEX7-54559-1411 Datasheet
163Kb / 3P
   2.54mm (0.100") Pitch QF-50??Flat Cable Receptacle Housing, 14 Circuits
54559-1611 MOLEX7-54559-1611 Datasheet
164Kb / 3P
   2.54mm (0.100") Pitch QF-50??Flat Cable Receptacle Housing, 16 Circuits
54559-2011 MOLEX7-54559-2011 Datasheet
164Kb / 3P
   2.54mm (0.100") Pitch QF-50??Flat Cable Receptacle Housing, 20 Circuits
54559-2611 MOLEX7-54559-2611 Datasheet
164Kb / 3P
   2.54mm (0.100") Pitch QF-50??Flat Cable Receptacle Housing, 26 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com