Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5F333SZ03-LBB0 Datasheet(PDF) 11 Page - Samsung semiconductor

Part # S5F333SZ03-LBB0
Description  1/3 INCH CCD IMAGE SENSOR FOR VGA COMPATIBILITY
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5F333SZ03-LBB0 Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button S5F333SZ03-LBB0 Datasheet HTML 7Page - Samsung semiconductor S5F333SZ03-LBB0 Datasheet HTML 8Page - Samsung semiconductor S5F333SZ03-LBB0 Datasheet HTML 9Page - Samsung semiconductor S5F333SZ03-LBB0 Datasheet HTML 10Page - Samsung semiconductor S5F333SZ03-LBB0 Datasheet HTML 11Page - Samsung semiconductor S5F333SZ03-LBB0 Datasheet HTML 12Page - Samsung semiconductor S5F333SZ03-LBB0 Datasheet HTML 13Page - Samsung semiconductor S5F333SZ03-LBB0 Datasheet HTML 14Page - Samsung semiconductor S5F333SZ03-LBB0 Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
1/3 INCH CCD IMAGE SENSOR FOR VGA COMPATIBILITY
S5F333SZ03
11
TEST METHODS
1. Measure the light intensities(L) when the average illuminance output value(Y) of green pixels Gr is equal to the
standard illuminance output value of 150mV (YA), and when it is equal to half of 150mV, 1/2 ×YA. repeat for Gb.
and calculate Sgr, Sgb, and Sg.
The sensitivities for red and blue pixels, Sr and Sb, are also measured in the same way.
2. Adjust the light intensity to 15 times of the value with which Y is YA, then measure the averaged illuminance
output value (Y = YSAT).
3. When the Gr pixel signal value, Ygr is 150mV, measure the Gb, R, B pixel signal values, Ygb, Yr, and Yb
respectively. Adjust the light intensity until 500 times of the illumination under which 150 mV of Gr pixels value
is obtained, is reached. Remove the read-out clock and drain the signal in photosensors by electronic shutter
operation during the horizontal blanking time without changing other clocks. Measure the maximum output value
YSM regardless of the pixel type..
4. Measure the light intensity(LBM) on which the Y signal output value of the optical black pixels (OBP) is rapidly
increased with the increasing light intensity.
5. Measure the maximum and minimum illuminance output value (YMAX, YMIN) when the light intensity is adjusted
to make Y to be YA.
6. Measure YD with the horizontal idling time transfer level as reference, when the device ambient temperature is
60
°C and all of the light sources are shielded.
S
g r
Y
A
1
2
--- YA
L
Y
A
L
1
2
--- YA
-----------------------------
S
gb
Y
A
1
2
--- YA
L
Y
A
L
1
2
---YA
----------------------------- , Sg
S
gr
S
gb
+
=
=
,
=
R
r
S
r
S
g
------
R
b
S
b
S
g
------
=
,
=
SM
Y
SM
Y
g r
Y
g b
Y
r
Y
b
+
+
+
4
----------------------------------------------------
1
500
----------
1
10
-------
×
100 %
( )
×
×
÷
=
BM
L
BM
L
Y
A
-----------
=
U
Y
MAX
Y
MIN
Y
A
------------------------------------
100 %
( )
×
=


Similar Part No. - S5F333SZ03-LBB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5F325NU02 SAMSUNG-S5F325NU02 Datasheet
227Kb / 18P
   1/3 INCH CCD IMAGE SENSOR FOR EIA CAMERA
S5F325NU02-LAB0 SAMSUNG-S5F325NU02-LAB0 Datasheet
227Kb / 18P
   1/3 INCH CCD IMAGE SENSOR FOR EIA CAMERA
S5F329PW02 SAMSUNG-S5F329PW02 Datasheet
214Kb / 18P
   1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
S5F329PW02-DAB0 SAMSUNG-S5F329PW02-DAB0 Datasheet
214Kb / 18P
   1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
logo
Switchcraft, Inc.
S5F3M SWITCH-S5F3M Datasheet
47Kb / 1P
   DMX ADAPTER
More results

Similar Description - S5F333SZ03-LBB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KC73133C SAMSUNG-KC73133C Datasheet
245Kb / 19P
   1/3 INCH CCD IMAGE SENSOR FOR VGA COMPATIBILITY
S5F329PW02 SAMSUNG-S5F329PW02 Datasheet
214Kb / 18P
   1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
logo
A1 PROs co., Ltd.
AI329CA A1PROS-AI329CA Datasheet
58Kb / 8P
   1/3 inch CCD Image Sensor for PAL Camera
logo
Samsung semiconductor
KC73129UBA SAMSUNG-KC73129UBA Datasheet
227Kb / 18P
   1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
KC73129UCA SAMSUNG-KC73129UCA Datasheet
249Kb / 20P
   1/3 INCH CCD IMAGE SENSOR FOR PAL CAMERA
KC73125UBA SAMSUNG-KC73125UBA Datasheet
224Kb / 18P
   1/3 INCH CCD IMAGE SENSOR FOR EIA CAMERA
logo
A1 PROs co., Ltd.
AI325CA A1PROS-AI325CA Datasheet
58Kb / 8P
   1/3 inch CCD Image Sensor for NTSC Camera
logo
Samsung semiconductor
S5F325NU02 SAMSUNG-S5F325NU02 Datasheet
227Kb / 18P
   1/3 INCH CCD IMAGE SENSOR FOR EIA CAMERA
KC73129MP SAMSUNG-KC73129MP Datasheet
209Kb / 18P
   1/3 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
KC73125MP SAMSUNG-KC73125MP Datasheet
207Kb / 18P
   1/3 INCH CCD IMAGE SENSOR FOR EIA CAMERA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com