Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5F429PX03-LDB0 Datasheet(PDF) 9 Page - Samsung semiconductor

Part # S5F429PX03-LDB0
Description  1/4 INCH CCD IMAGE SENSOR FOR PAL CAMERA
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5F429PX03-LDB0 Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button S5F429PX03-LDB0 Datasheet HTML 5Page - Samsung semiconductor S5F429PX03-LDB0 Datasheet HTML 6Page - Samsung semiconductor S5F429PX03-LDB0 Datasheet HTML 7Page - Samsung semiconductor S5F429PX03-LDB0 Datasheet HTML 8Page - Samsung semiconductor S5F429PX03-LDB0 Datasheet HTML 9Page - Samsung semiconductor S5F429PX03-LDB0 Datasheet HTML 10Page - Samsung semiconductor S5F429PX03-LDB0 Datasheet HTML 11Page - Samsung semiconductor S5F429PX03-LDB0 Datasheet HTML 12Page - Samsung semiconductor S5F429PX03-LDB0 Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
1/4 INCH CCD IMAGE SENSOR FOR PAL CAMERA
S5F429PX03
9
OPERATING CHARACTERISTICS
Device Temperature = 25
°C
NOTE: Test Temperature = 60
°C
TESTING SYSTEM
Table 7. Operating Characteristics
Item
Symbol
Min.
Typ.
Max.
Unit
Remark
Sensitivity
S
40
45
mV/lux
1
Saturation signal
YSAT
800
mV
2
Smear
SM
0.007
0.01
%
3
Blooming margin
BM
1,000
times
4
Uniformity
U
20
%
5
Dark signal (NOTE)
D
2
mV
6
Dark shading (NOTE)
∆D
2
mV
7
Image lag
YLAG
0.5
%
8
Flicker Y
FY
2
%
9
Flicker red, blue
FCR, FCB
5
%
10
Color uniformity
DSR, DSB
10
%
11
Line stripe W, R, G, B
LCW, LCR, LCG, LCB
3
%
12
Figure 2. Testing System
CCD
AMP
LPF1
S/H
S/H
LPF2
A
Y
C
(3dB down at 4MHz)
Chroma
Signal
Output
Illuminance
Signal
Output
CCD Signal
Output
C. D. S
(3dB down at 1MHz)


Similar Part No. - S5F429PX03-LDB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5F429PX02 SAMSUNG-S5F429PX02 Datasheet
234Kb / 18P
   1/4 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
S5F429PX02-LAB0 SAMSUNG-S5F429PX02-LAB0 Datasheet
234Kb / 18P
   1/4 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
More results

Similar Description - S5F429PX03-LDB0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KC74129C SAMSUNG-KC74129C Datasheet
257Kb / 20P
   1/4 INCH CCD IMAGE SENSOR FOR PAL CAMERA
logo
A1 PROs co., Ltd.
AI329CA A1PROS-AI329CA Datasheet
58Kb / 8P
   1/3 inch CCD Image Sensor for PAL Camera
logo
Samsung semiconductor
KC73129UCA SAMSUNG-KC73129UCA Datasheet
249Kb / 20P
   1/3 INCH CCD IMAGE SENSOR FOR PAL CAMERA
logo
Sony Corporation
ICX027CKA SONY-ICX027CKA Datasheet
326Kb / 15P
   1/2 INCH CCD IMAGE SENSOR FOR PAL COLOR CAMERA
ICX055AK SONY-ICX055AK Datasheet
361Kb / 18P
   1/3-inch CCD Image Sensor for PAL Color Camera
ICX058AK SONY-ICX058AK Datasheet
347Kb / 18P
   1/3-inch CCD Image Sensor for PAL Color Camera
ICX059AK SONY-ICX059AK Datasheet
354Kb / 18P
   1/3-inch CCD Image Sensor for PAL Color Camera
logo
Samsung semiconductor
S5F425NX03 SAMSUNG-S5F425NX03 Datasheet
254Kb / 20P
   1/4 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
S5F429PX02 SAMSUNG-S5F429PX02 Datasheet
234Kb / 18P
   1/4 INCH CCD IMAGE SENSOR FOR CCIR CAMERA
KC74125C SAMSUNG-KC74125C Datasheet
255Kb / 20P
   1/4 INCH CCD IMAGE SENSOR FOR NTSC CAMERA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com