Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S5G9801X01-D0B0 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # S5G9801X01-D0B0
Description  INFRAED REMOCON RECEIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S5G9801X01-D0B0 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button S5G9801X01-D0B0 Datasheet HTML 2Page - Samsung semiconductor S5G9801X01-D0B0 Datasheet HTML 3Page - Samsung semiconductor S5G9801X01-D0B0 Datasheet HTML 4Page - Samsung semiconductor S5G9801X01-D0B0 Datasheet HTML 5Page - Samsung semiconductor S5G9801X01-D0B0 Datasheet HTML 6Page - Samsung semiconductor S5G9801X01-D0B0 Datasheet HTML 7Page - Samsung semiconductor S5G9801X01-D0B0 Datasheet HTML 8Page - Samsung semiconductor S5G9801X01-D0B0 Datasheet HTML 9Page - Samsung semiconductor S5G9801X01-D0B0 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
S5G9801X01/S5G9803X01
INFRAED REMOCON RECEIVER
6
OPERATING PRINCIPLES
1. POR (Power On Reset) CIRCUIT
To initialize the internal state at time of power ON, it is necessary to perform the initialization.
The initialization is carried out when a capacitor is connected to the code bit terminal.
Figure 3.
In the case of S5G9803, connect a capacitor to CODE2 and CODE3.
2. OSCILLATION CIRCUIT
The RC oscillation circuit is normally operated at 38kHz oscillation frequency.
(The RC is connected between OSC terminal and VSS.)
Figure 4.
Oscillation frequency is about 38kHz ± 5kHz at R = 38kW and C = 1000pF.
R
UP
R
UP
CODE1
CODE2
Initialize
RUP = 20k
C = 0.001
µF − 0.022µF
CSC
SCHMITT
FOSC
R
C
R = 39k
Ω ± 5%
C = 1000pF
± 5%


Similar Part No. - S5G9801X01-D0B0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5G9802X01 SAMSUNG-S5G9802X01 Datasheet
88Kb / 10P
   INFRAED REMOCON RECEIVER
S5G9802X01-D0B0 SAMSUNG-S5G9802X01-D0B0 Datasheet
88Kb / 10P
   INFRAED REMOCON RECEIVER
More results

Similar Description - S5G9801X01-D0B0

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
S5G9802X01 SAMSUNG-S5G9802X01 Datasheet
88Kb / 10P
   INFRAED REMOCON RECEIVER
KS9802 SAMSUNG-KS9802 Datasheet
176Kb / 10P
   INFRAED REMOCON RECEIVER
KS9801 SAMSUNG-KS9801 Datasheet
249Kb / 16P
   INFRAED REMOCON RECEIVER
logo
Marktech Corporate
MTE108CL MARKTECH-MTE108CL Datasheet
57Kb / 2P
   INFRAED EMITTER
logo
AUK corp
SRM351VF AUK-SRM351VF Datasheet
61Kb / 6P
   Remocon Preamp
logo
Opto Electronics Co,. L...
354VF7 E-OEC-354VF7 Datasheet
320Kb / 8P
   REMOCON MODULE
354HF4 E-OEC-354HF4 Datasheet
324Kb / 8P
   REMOCON MODULE
444HFN2 E-OEC-444HFN2 Datasheet
254Kb / 9P
   REMOCON MODULE
logo
AUK corp
SRM-354VF AUK-SRM-354VF Datasheet
82Kb / 5P
   Remocon Preamp
logo
Opto Electronics Co,. L...
354HF1 E-OEC-354HF1 Datasheet
300Kb / 8P
   REMOCON MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com