Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

54597-2400 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 54597-2400
Description  Mi II??Clip, 24 circuits
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

54597-2400 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  54597-2400 Datasheet HTML 1Page - Molex Electronics Ltd. 54597-2400 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0545972400
Status:
Active
Overview:
mini_mi_ii
Description:
Mi II™ Clip, 24 circuits
Documents:
3D Model
Product Specification PS-54596-019 (PDF)
Drawing (PDF)
Product Specification PS-55659-005 (PDF)
Product Specification PS-54596-007 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Accessories
Series
54596
Component Type
Clip
Overview
mini_mi_ii
Product Name
Mini Mi II™
Physical
Circuits (Loaded)
24
Color - Resin
Natural
Gender
Female
Material - Resin
Nylon
Number of Rows
2
Packaging Type
Bag
Temperature Range - Operating
-40°C to +105°C
Material Info
Reference - Drawing Numbers
Packaging Specification
SPK-54597-001
Product Specification
PS-54596-007, PS-54596-019, PS-55659-005,
RPS-51336-006, RPS-54596-014
Sales Drawing
SD-54597-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
54596Series
Use With
54596
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 54597-2400

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
54597-2000 MOLEX7-54597-2000 Datasheet
109Kb / 2P
   Mi II??Clip, 20 circuits
54597-2200 MOLEX7-54597-2200 Datasheet
109Kb / 2P
   Mi II??Clip, 22 circuits
54597-2600 MOLEX7-54597-2600 Datasheet
109Kb / 2P
   Mi II??Clip, 26 circuits
54597-2800 MOLEX7-54597-2800 Datasheet
109Kb / 2P
   Mi II??Clip, 28 circuits
More results

Similar Description - 54597-2400

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0545971400 MOLEX7-0545971400 Datasheet
109Kb / 2P
   Mi II??Clip, 14 circuits
0545971800 MOLEX7-0545971800 Datasheet
109Kb / 2P
   Mi II??Clip, 18 circuits
0545971000 MOLEX7-0545971000 Datasheet
109Kb / 2P
   Mi II??Clip, 10 circuits
0545972200 MOLEX7-0545972200 Datasheet
109Kb / 2P
   Mi II??Clip, 22 circuits
0545971600 MOLEX7-0545971600 Datasheet
109Kb / 2P
   Mi II??Clip, 16 circuits
0545973200 MOLEX7-0545973200 Datasheet
109Kb / 2P
   Mi II??Clip, 32 circuits
0545973800 MOLEX7-0545973800 Datasheet
109Kb / 2P
   Mi II??Clip, 38 circuits
0545971200 MOLEX7-0545971200 Datasheet
109Kb / 2P
   Mi II??Clip, 12 circuits
0545972000 MOLEX7-0545972000 Datasheet
109Kb / 2P
   Mi II??Clip, 20 circuits
0545973000 MOLEX7-0545973000 Datasheet
109Kb / 2P
   Mi II??Clip, 30 circuits
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com