Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0585500002 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0585500002
Description  HMC??Rectangular Industrial End Bell Cap Assembly, PG29, 20.00 to 25.00 dia. WireSize, Orange Bush, for External Threaded Hoods
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX7 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX7 - Molex Electronics Ltd.

0585500002 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0585500002 Datasheet HTML 1Page - Molex Electronics Ltd. 0585500002 Datasheet HTML 2Page - Molex Electronics Ltd. 0585500002 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0585500002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0585500000 MOLEX7-0585500000 Datasheet
86Kb / 2P
   HMC??Rectangular Industrial End Bell Cap Assembly, PG29, 14.00 to 18.00 dia. WireBlue Bush, for External Threaded Hoods
0585500001 MOLEX7-0585500001 Datasheet
87Kb / 3P
   HMC??Rectangular Industrial End Bell Cap Assembly, PG29, 17.00 to 21.00 dia. WireSize, Brown Bush, for External Threaded Hoods
0585500003 MOLEX7-0585500003 Datasheet
86Kb / 2P
   HMC??Rectangular Industrial End Bell Cap Assembly, PG29, 24.00 to 28.00 dia. WireSize, Yellow Bush, for External Threaded Hoods
More results

Similar Description - 0585500002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0585500003 MOLEX7-0585500003 Datasheet
86Kb / 2P
   HMC??Rectangular Industrial End Bell Cap Assembly, PG29, 24.00 to 28.00 dia. WireSize, Yellow Bush, for External Threaded Hoods
0585500001 MOLEX7-0585500001 Datasheet
87Kb / 3P
   HMC??Rectangular Industrial End Bell Cap Assembly, PG29, 17.00 to 21.00 dia. WireSize, Brown Bush, for External Threaded Hoods
0585500000 MOLEX7-0585500000 Datasheet
86Kb / 2P
   HMC??Rectangular Industrial End Bell Cap Assembly, PG29, 14.00 to 18.00 dia. WireBlue Bush, for External Threaded Hoods
0588660003 MOLEX7-0588660003 Datasheet
90Kb / 2P
   HMC??Rectangular Industrial End Bell Cap Assembly, PG36, 20.00 to 25.00mm (.787to .984") dia. Wire Size, Orange Bush, for External Threaded Hoods
0588660002 MOLEX7-0588660002 Datasheet
90Kb / 2P
   HMC??Rectangular Industrial End Bell Cap Assembly, PG36, 14.00 to 18.00mm (.551to .709") dia. Wire Size, Blue Bush, for External Threaded Hoods
0588660001 MOLEX7-0588660001 Datasheet
90Kb / 2P
   HMC??Rectangular Industrial End Bell Cap Assembly, PG36, 24.00 to 28.00mm (.945 to 1.102") dia. Wire Size, Yellow Bush, for External Threaded Hoods
0588660000 MOLEX7-0588660000 Datasheet
90Kb / 2P
   HMC??Rectangular Industrial End Bell Cap Assembly, PG36, 29.00 to 33.00mm(1.142 to 1.299") dia. Wire Size, Black Bush, for External Threaded Hoods
0563860000 MOLEX7-0563860000 Datasheet
89Kb / 2P
   HMC??Rectangular Industrial Wire-to-Wire Bracket Cover, 36 Circuits, External Thread, PG29
0584740000 MOLEX7-0584740000 Datasheet
151Kb / 3P
   HMC??Rectangular Industrial Wire-to-Wire Bracket Cover, 40 Circuit, External Thread PG29, for Large Plug
0584740001 MOLEX7-0584740001 Datasheet
151Kb / 3P
   HMC??Rectangular Industrial Wire-to-Wire Bracket Cover, 40 Circuit, External ThreadPG29, for Small Plug
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com