Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0714362864 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 0714362864
Description  1.00mm (.039) Pitch Mezzanine IEEE 1386 Plug, Surface Mount, Dual Row, Vertical Stacking, 64 Circuits, 8.35mm (.329) Unmated Height, without PCB Locator Pegs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

0714362864 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  0714362864 Datasheet HTML 1Page - Molex Electronics Ltd. 0714362864 Datasheet HTML 2Page - Molex Electronics Ltd. 0714362864 Datasheet HTML 3Page - Molex Electronics Ltd. 0714362864 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image


Similar Part No. - 0714362864

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0714362164 MOLEX8-0714362164 Datasheet
273Kb / 4P
   1.00mm (.039") Pitch Mezzanine IEEE 1386 Plug, Surface Mount, Dual Row, VerticalStacking, 64 Circuits, 8.35mm (.329") Unmated Height, with PCB Locator Pegs, without
0714362264 MOLEX8-0714362264 Datasheet
273Kb / 4P
   1.00mm (.039") Pitch Mezzanine IEEE 1386 Plug
0714362364 MOLEX8-0714362364 Datasheet
273Kb / 4P
   1.00mm (.039") Pitch Mezzanine IEEE 1386 Plug, Surface Mount, Dual Row, VerticalStacking, 64 Circuits, 8.35mm (.329") Unmated Height, with PCB Locator Pegs, with
0714362464 MOLEX8-0714362464 Datasheet
273Kb / 4P
   1.00mm (.039") Pitch Mezzanine IEEE 1386 Plug, Surface Mount, Dual Row, VerticalStacking, 64 Circuits, 8.35mm (.329") Unmated Height, with PCB Locator Pegs, with
0714362564 MOLEX8-0714362564 Datasheet
273Kb / 4P
   1.00mm (.039") Pitch Mezzanine IEEE 1386 Plug, Surface Mount, Dual Row, Vertical Stacking, 64 Circuits
More results

Similar Description - 0714362864

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0714362164 MOLEX8-0714362164 Datasheet
273Kb / 4P
   1.00mm (.039") Pitch Mezzanine IEEE 1386 Plug, Surface Mount, Dual Row, VerticalStacking, 64 Circuits, 8.35mm (.329") Unmated Height, with PCB Locator Pegs, without
0714362764 MOLEX8-0714362764 Datasheet
273Kb / 4P
   1.00mm (.039") Pitch Mezzanine IEEE 1386 Plug, Surface Mount, Dual Row, VerticalStacking, 64 Circuits, 8.35mm (.329") Unmated Height, without PCB Locator Pegs, with
0714362964 MOLEX8-0714362964 Datasheet
273Kb / 4P
   1.00mm (.039") Pitch Mezzanine IEEE 1386 Plug, Surface Mount, Dual Row, VerticalStacking, 64 Circuits, 8.35mm (.329") Unmated Height, without PCB Locator Pegs, with
0714362464 MOLEX8-0714362464 Datasheet
273Kb / 4P
   1.00mm (.039") Pitch Mezzanine IEEE 1386 Plug, Surface Mount, Dual Row, VerticalStacking, 64 Circuits, 8.35mm (.329") Unmated Height, with PCB Locator Pegs, with
0714362364 MOLEX8-0714362364 Datasheet
273Kb / 4P
   1.00mm (.039") Pitch Mezzanine IEEE 1386 Plug, Surface Mount, Dual Row, VerticalStacking, 64 Circuits, 8.35mm (.329") Unmated Height, with PCB Locator Pegs, with
0717410001 MOLEX8-0717410001 Datasheet
257Kb / 5P
   1.00mm (.039") Pitch Mezzanine Plug, Surface Mount, Dual Row, Vertical Stacking84 Circuits, 8.35mm (.329") Unmated Height, with PCB Locator Pegs, without Robotic
0717410003 MOLEX8-0717410003 Datasheet
257Kb / 5P
   1.00mm (.039") Pitch Mezzanine Plug, Surface Mount, Dual Row, Vertical Stacking84 Circuits, 8.35mm (.329") Unmated Height, without PCB Locator Pegs, with Robotic
0714360564 MOLEX8-0714360564 Datasheet
283Kb / 4P
   1.00mm (.039") Pitch Mezzanine IEEE 1386 Plug, Surface Mount, Dual Row, VerticalStacking, 64 Circuits, 6.35mm (.250") Unmated Height, without PCB Locator Pegs,
0717410004 MOLEX8-0717410004 Datasheet
257Kb / 5P
   1.00mm (.039") Pitch Mezzanine Plug, Surface Mount, Dual Row, Vertical Stacking84 Circuits, 8.35mm (.329") Unmated Height, with PCB Locator Pegs, with Robotic
0714360464 MOLEX8-0714360464 Datasheet
283Kb / 4P
   1.00mm (.039") Pitch Mezzanine IEEE 1386 Plug, Surface Mount, Dual Row, Vertical Stacking, 64 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com