Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

73800-2000 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 73800-2000
Description  2.00mm (.079") Pitch HDM짰 Board-to-Board Midplane Header, Vertical, SMC, Press-Fit, Long Pin, Open End Option, 72 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

73800-2000 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  73800-2000 Datasheet HTML 1Page - Molex Electronics Ltd. 73800-2000 Datasheet HTML 2Page - Molex Electronics Ltd. 73800-2000 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Data Rate
1.0 Gbps
Real Signals (per 25mm)
75
Shielded
No
Voltage - Maximum
250V AC
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-70873-0868
Product Specification
PS-73780-999
Sales Drawing
SD-73800-001
HDM and High Density Metric are trademarks of Amphenol Corporation
This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 73800-2000

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73800-2200 MOLEX8-73800-2200 Datasheet
133Kb / 3P
   2.00mm (.079") Pitch HDM짰 Board-to-Board Midplane Header, Vertical, SMC, Press- Fit, Long Pin, Open End Option, 72 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com