Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0746502504 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0746502504
Description  2.00mm (.079") Pitch 8-Row VHDM-HSD??Backplane Header, Guide Pin SignalModule, Pin End Version, 150 Circuits, Pin Length 5.15mm (.203")
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

0746502504 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0746502504 Datasheet HTML 1Page - Molex Electronics Ltd. 0746502504 Datasheet HTML 2Page - Molex Electronics Ltd. 0746502504 Datasheet HTML 3Page - Molex Electronics Ltd. 0746502504 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 06/02/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0746502504
Status:
Active
Overview:
vhdm__hsd
Description:
2.00mm (.079") Pitch 8-Row VHDM-HSD™ Backplane Header, Guide Pin Signal
Module, Pin End Version, 150 Circuits, Pin Length 5.15mm (.203")
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
General
Product Family
Backplane Connectors
Series
74650
Application
Backplane
Application Tooling Documents
<a href="http://www.molex.com/pdm_docs/ats/
TM-622010999.pdf">Tooling Manual</a>
Comments
No Keying Position
Component Type
PCB Header
Overview
vhdm__hsd
Product Name
VHDM-HSD™
Style
N/A
Physical
Circuits (Loaded)
150
Circuits (maximum)
150
Color - Resin
Black
Durability (mating cycles max)
200
First Mate / Last Break
No
Flammability
94V-0
Guide to Mating Part
Yes
Keying to Mating Part
None
Material - Metal
Copper-Nickel-Silicon, High Performance Alloy (HPA),
Stainless Steel
Material - Plating Mating
Gold
Material - Plating Termination
Tin-Lead
Material - Resin
High Temperature Thermoplastic
Number of Columns
25
Number of Pairs
Open Pin Field
Number of Rows
8
Orientation
Vertical
PC Tail Length (in)
0.098 In
PC Tail Length (mm)
2.50 mm
PCB Locator
No
PCB Retention
None
PCB Thickness Recommended (in)
0.070 In
PCB Thickness Recommended (mm)
1.80 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.079 In
Pitch - Mating Interface (mm)
2.00 mm
Pitch - Term. Interface (in)
0.079 In
Pitch - Term. Interface (mm)
2.00 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
30
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Not Reviewed
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
74650Series
Mates With
HSD Daughtercards 74680 , 74686
Use With
Daughtercard Modules
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
VHDM® Signal Pin
Inserter Repair Tool
0622015700
VHDM® Insertion
Module for Advanced
Mate Signal Header,
6 Row by 25 Wide,
50.00mm (1.97")
0622020206


Similar Part No. - 0746502504

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0746502501 MOLEX8-0746502501 Datasheet
455Kb / 4P
   2.00mm (.079") Pitch 8-Row VHDM-HSD??Backplane Header, Guide Pin SignalModule, Pin End Version, 150 Circuits, Pin Length 4.75mm (.187")
0746502502 MOLEX8-0746502502 Datasheet
455Kb / 4P
   2.00mm (.079") Pitch 8-Row VHDM-HSD??Backplane Header, Guide Pin SignalModule, Pin End Version, 150 Circuits, Pin Length 6.25mm (.246")
0746502503 MOLEX8-0746502503 Datasheet
455Kb / 4P
   2.00mm (.079") Pitch 8-Row VHDM-HSD Backplane Header, Guide Pin Signal Module, Pin End Version
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com