Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0716612330 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0716612330
Description  1.27mm (.050") Pitch EBBI??50D Plug, Right Angle, 30 Circuits, 3.18mm (.125") PCTail Length
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

0716612330 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0716612330 Datasheet HTML 1Page - Molex Electronics Ltd. 0716612330 Datasheet HTML 2Page - Molex Electronics Ltd. 0716612330 Datasheet HTML 3Page - Molex Electronics Ltd. 0716612330 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 05/31/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0716612330
Status:
Active
Overview:
ebbi_50d
Description:
1.27mm (.050") Pitch EBBI™ 50D Plug, Right Angle, 30 Circuits, 3.18mm (.125") PC
Tail Length
Documents:
3D Model
RoHS Certificate of Compliance (PDF)
Drawing (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
71661
Application
Board-to-Board, Wire-to-Board
Overview
ebbi_50d
Product Name
EBBI™
Physical
Breakaway
No
Circuits (Loaded)
30
Circuits (maximum)
30
Color - Resin
Black
Durability (mating cycles max)
2,000
First Mate / Last Break
No
Flammability
94V-0
Glow-Wire Compliant
No
Guide to Mating Part
No
Keying to Mating Part
None
Lock to Mating Part
Yes
Material - Metal
Brass
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
4
Orientation
Right Angle
PC Tail Length (in)
0.125 In
PC Tail Length (mm)
3.18 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.062 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.050 In
Pitch - Mating Interface (mm)
1.27 mm
Pitch - Term. Interface (in)
0.050 In
Pitch - Term. Interface (mm)
1.27 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
50
Plating min: Termination (µm)
1.25
Polarized to Mating Part
Yes
Polarized to PCB
Yes
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
71661Series
Mates With
EBBI™ 50D Receptacle 71660 , 87552


Similar Part No. - 0716612330

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0716612340 MOLEX8-0716612340 Datasheet
282Kb / 4P
   1.27mm (.050") Pitch EBBI??50D Plug, Right Angle, 40 Circuits, 3.18mm (.125") PCTail Length
0716612350 MOLEX8-0716612350 Datasheet
282Kb / 4P
   1.27mm (.050") Pitch EBBI??50D Plug, Right Angle, 50 Circuits, 3.18mm (.125") PC Tail Length
0716612360 MOLEX8-0716612360 Datasheet
282Kb / 4P
   1.27mm (.050") Pitch EBBI??50D Plug, Right Angle, 60 Circuits, 3.18mm (.125") PCTail Length
0716612368 MOLEX8-0716612368 Datasheet
282Kb / 4P
   1.27mm (.050") Pitch EBBI??50D Plug, Right Angle, 68 Circuits, 3.18mm (.125") PCTail Length
0716612380 MOLEX8-0716612380 Datasheet
282Kb / 4P
   1.27mm (.050") Pitch EBBI??50D Plug, Right Angle, 80 Circuits, 3.18mm (.125") PCTail Length
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com