Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74026-8112 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 74026-8112
Description  2.00mm (.079") Pitch VHDM짰 Board-to-Board Daughtercard Receptacle, Right Angle8-Row, 3 Blade Power Module, 3 Circuits, Mating Blade Length: 7.50mm (.295") Blade
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74026-8112 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  74026-8112 Datasheet HTML 1Page - Molex Electronics Ltd. 74026-8112 Datasheet HTML 2Page - Molex Electronics Ltd. 74026-8112 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Data Rate
2.5 Gbps
Real Signals (per 25mm)
100
Voltage - Maximum
250V
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-70873-201
Sales Drawing
SD-74026-002
VHDM and Very High Density Metric are trademarks of Amphenol Corporation
This document was generated on 05/19/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 74026-8112

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
74026-8111 MOLEX8-74026-8111 Datasheet
146Kb / 3P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Daughtercard Receptacle, Right Angle8-Row, 3 Blade Power Module, 3 Circuits, Mating Blade Length: 7.50mm (.295") Blade
74026-8114 MOLEX8-74026-8114 Datasheet
146Kb / 3P
   2.00mm (.079") Pitch VHDM짰 Board-to-Board Daughtercard Receptacle, Right Angle8-Row, 3 Blade Power Module, 3 Circuits, Mating Blade Length: 7.50mm (.295") Blade
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com