Electronic Components Datasheet Search |
|
S6C0670 Datasheet(PDF) 8 Page - Samsung semiconductor |
|
S6C0670 Datasheet(HTML) 8 Page - Samsung semiconductor |
8 / 32 page S6C0670 8 BIT 384 / 402 CHANNEL TFT-LCD SOURCE DRIVER 8 OPERATION DESCRIPTION DISPLAY DATA TRANSFER (1) DEC = ”L” When DIO1 (or DIO2) pulse is loaded into internal latch on the rising edge of CLK2, DIO1 (or DIO2) pulse enables the operation of data transfer, so display data is valid on the next rising edge of CLK2. Once all the data of 402 (or 384) channels is loaded into internal latch, it goes into stand-by state automatically, and any new data is not accepted even though CLK2 is provided until next DIO1 (or DIO2) input. When next DIO1 (or DIO2) is provided, new display data is valid on the 2nd rising edge of CLK2 after the rising edge of DIO1 (or DIO2). (2) DEC = ”H” When DIO1 (or DIO2) pulse is loaded into internal latch on the rising (or falling) edge of CLK2, DIO1 (or DIO2) pulse enables the operation of data transfer. display data is valid on the next falling (or rising) edge of CLK2. Once all the data of 402 (or 384) channels is loaded into internal latch, it goes into stand-by state automatically, and any new data is not accepted even though CLK2 is provided until next DIO1 (or DIO2) input. When next DIO1 (or DIO2) is provided, new display data is valid on the 2nd edge of CLK2 after the rising edge of DIO1 (or DIO2). EXTENSION OF OUTPUT Output pin can be adjusted to an extended screen by cascade connection. (1) SHL = "L" Connect DIO1 pin of previous stage to the DIO2 pin of next stage and all the input pins except DIO1 and DIO2 are connected together in each device. (2) SHL = "H" Connect DIO2 pin of previous stage to the DIO1 pin of next stage and all the input pins except DIO2 and DIO1 are connected together in each device. RELATIONSHIP BETWEEN INPUT DATA VALUE AND OUTPUT VOLTAGE The LCD drive output voltages are determined by the input data and 16 (8 by 2) gamma corrected power supplies (VGMA1 - VGMA16). Besides, to be able to deal with dot line inversion when mounted on a single-side, gradation voltages with different polarity can be output to the odd number output pins and the even number output pins. Among 8-by-2 gamma corrected voltages, input gray-scale voltages of the same polarity with respect to the common voltage, for the respective 8 gamma corrected voltages of VGMA1 - VGMA8 and VGMA9 - VGMA16. |
Similar Part No. - S6C0670 |
|
Similar Description - S6C0670 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |