Electronic Components Datasheet Search |
|
KM736FV4021 Datasheet(PDF) 6 Page - Samsung semiconductor |
|
KM736FV4021 Datasheet(HTML) 6 Page - Samsung semiconductor |
6 / 12 page Rev 1.0 KM718FV4021 128Kx36 & 256Kx18 SRAM - 6 - KM736FV4021 Dec. 1998 Z0=50 Ω 50 Ω 1.25V *Capacitive load consists of all components AC TEST CONDITIONS Parameter Symbol Value Unit Core Power Supply Voltage VDD 3.15~3.45 V Output Power Supply Voltage VDDQ 2.4~2.6 V Input High/Low Level VIH/VIL 1.7/0.7 V Clock Input High/Low Level(PECL) VIH/VIL 2.4/1.5 V Input Rise/Fall Time TR/TF 1.0/1.0 ns Clock Input Rise/Fall Time(PECL) TR/TF 1.0/1.0 ns Input and Out Timing Reference Level 1.25 V Clock Input Timing Reference Level Cross Point V AC TEST OUTPUT LOAD Dout of the tester environment 20pF* AC CHARACTERISTICS Parameter Symbol -5 -6 -7 Unit Note Min Max Min Max Min Max Clock Cycle Time tKHKH 5.0 - 6.0 - 7.0 - ns Clock High Pulse Width tKHKL 1.5 - 1.5 - 1.5 - ns Clock Low Pulse Width tKLKH 1.5 - 1.5 - 1.5 - ns Clock High to Output Valid tKHQV - 2.5 - 3.0 - 3.5 ns Clock High to Output Hold tKHQX 0.5 - 0.5 - 0.5 - ns Address Setup Time tAVKH 0.5 - 0.5 - 0.5 - ns Address Hold Time tKHAX 1.0 - 1.0 - 1.0 - ns Write Data Setup Time tDVKH 0.5 - 0.5 - 0.5 - ns Write Data Hold Time tKHDX 1.0 - 1.0 - 1.0 - ns SW, SW[a:d] Setup Time tWVKH 0.5 - 0.5 - 0.5 - ns SW, SW[a:d] Hold Time tKHWX 1.0 - 1.0 - 1.0 - ns SS Setup Time tSVKH 0.5 - 0.5 - 0.5 - ns SS Hold Time tKHSX 1.0 - 1.0 - 1.0 - ns Clock High to Output Hi-Z tKHQZ - 2.5 - 3.0 - 3.5 ns Clock High to Output Low-Z tKHQX1 0.5 - 0.5 - 0.5 - ns G High to Output High-Z tGHQZ - 2.5 - 3.0 - 3.5 ns G Low to Output Low-Z tGLQX 0.5 - 0.5 - 0.5 - ns G Low to Output Valid tGLQV - 2.5 - 3.0 - 3.5 ns ZZ High to Power Down(Sleep Time) tZZE - 5.0 - 6.0 - 7.0 ns ZZ Low to Recovery(Wake-up Time) tZZR - 5.0 - 6.0 - 7.0 ns PIN CAPACITANCE NOTE : Periodically sampled and not 100% tested.(dV=0V, f=1MHz) Parameter Symbol Typ Max Unit Input Capacitance CIN 4 5 pF Output Capacitance COUT 7 8 pF |
Similar Part No. - KM736FV4021 |
|
Similar Description - KM736FV4021 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |