Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM736FV4021H-5 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # KM736FV4021H-5
Description  128Kx36 & 256Kx18 Synchronous Pipelined SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM736FV4021H-5 Datasheet(HTML) 3 Page - Samsung semiconductor

  KM736FV4021H-5 Datasheet HTML 1Page - Samsung semiconductor KM736FV4021H-5 Datasheet HTML 2Page - Samsung semiconductor KM736FV4021H-5 Datasheet HTML 3Page - Samsung semiconductor KM736FV4021H-5 Datasheet HTML 4Page - Samsung semiconductor KM736FV4021H-5 Datasheet HTML 5Page - Samsung semiconductor KM736FV4021H-5 Datasheet HTML 6Page - Samsung semiconductor KM736FV4021H-5 Datasheet HTML 7Page - Samsung semiconductor KM736FV4021H-5 Datasheet HTML 8Page - Samsung semiconductor KM736FV4021H-5 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Rev 1.0
KM718FV4021
128Kx36 & 256Kx18 SRAM
- 3 -
KM736FV4021
Dec. 1998
PACKAGE PIN CONFIGURATIONS(TOP VIEW)
KM736FV4021(128Kx36)
1
2
3
4
5
6
7
A
VDDQ
SA13
SA10
NC
SA7
SA4
VDDQ
B
NC
NC
SA9
NC
SA8
NC
NC
C
NC
SA12
SA11
VDD
SA6
SA5
NC
D
DQc8
DQc9
VSS
NC
VSS
DQb9
DQb8
E
DQc6
DQc7
VSS
SS
VSS
DQb7
DQb6
F
VDDQ
DQc5
VSS
G
VSS
DQb5
VDDQ
G
DQc3
DQc4
SWc
NC
SWb
DQb4
DQb3
H
DQc1
DQc2
VSS
NC
VSS
DQb2
DQb1
J
VDDQ
VDD
NC
VDD
NC
VDD
VDDQ
K
DQd1
DQd2
VSS
K
VSS
DQa2
DQa1
L
DQd3
DQd4
SWd
K
SWa
DQa4
DQa3
M
VDDQ
DQd5
VSS
SW
VSS
DQa5
VDDQ
N
DQd6
DQd7
VSS
SA16
VSS
DQa7
DQa6
P
DQd8
DQd9
VSS
SA0
VSS
DQa9
DQa8
R
NC
SA15
M1
VDD
M2
SA2
NC
T
NC
NC
SA14
SA1
SA3
NC
ZZ
U
VDDQ
TMS
TDI
TCK
TDO
NC
VDDQ
KM718FV4021(256Kx18)
1
2
3
4
5
6
7
A
VDDQ
SA13
SA10
NC
SA7
SA4
VDDQ
B
NC
NC
SA9
NC
SA8
NC
NC
C
NC
SA12
SA11
VDD
SA6
SA5
NC
D
DQb1
NC
VSS
NC
VSS
DQa9
NC
E
NC
DQb2
VSS
SS
VSS
NC
DQa8
F
VDDQ
NC
VSS
G
VSS
DQa7
VDDQ
G
NC
DQb3
SWb
NC
NC
NC
DQa6
H
DQb4
NC
VSS
NC
VSS
DQa5
NC
J
VDDQ
VDD
NC
VDD
NC
VDD
VDDQ
K
NC
DQb5
VSS
K
VSS
NC
DQa4
L
DQb6
NC
NC
K
SWa
DQa3
NC
M
VDDQ
DQb7
VSS
SW
VSS
NC
VDDQ
N
DQb8
NC
VSS
SA16
VSS
DQa2
NC
P
NC
DQb9
VSS
SA1
VSS
NC
DQa1
R
NC
SA15
M1
VDD
M2
SA2
NC
T
NC
SA17
SA14
NC
SA3
SA0
ZZ
U
VDDQ
TMS
TDI
TCK
TDO
NC
VDDQ


Similar Part No. - KM736FV4021H-5

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
KM736N FRONTIER-KM736N Datasheet
110Kb / 1P
   10mm Adjustable Shielded RF Coil (I)
KM736N FRONTIER-KM736N Datasheet
133Kb / 1P
   10mm ADJUSTABLE RF COILS (SHIELDED)
KM736N-LFR FRONTIER-KM736N-LFR Datasheet
110Kb / 1P
   10mm Adjustable Shielded RF Coil (I)
logo
Samsung semiconductor
KM736V687 SAMSUNG-KM736V687 Datasheet
461Kb / 15P
   64Kx36-Bit Synchronous Burst SRAM, 3.3V Power Datasheets for 100TQFP
KM736V687A SAMSUNG-KM736V687A Datasheet
476Kb / 16P
   64Kx36 Synchronous SRAM
More results

Similar Description - KM736FV4021H-5

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7P403622M SAMSUNG-K7P403622M Datasheet
240Kb / 12P
   128Kx36 & 256Kx18 Synchronous Pipelined SRAM
K7P403622B SAMSUNG-K7P403622B Datasheet
280Kb / 13P
   128Kx36 & 256Kx18 Synchronous Pipelined SRAM
K7A403609A SAMSUNG-K7A403609A Datasheet
466Kb / 17P
   128Kx36 & 256Kx18-Bit Synchronous Pipelined Burst SRAM
K7A403609B SAMSUNG-K7A403609B_06 Datasheet
419Kb / 19P
   128Kx36/x32 & 256Kx18 Synchronous SRAM
K7B403625B SAMSUNG-K7B403625B Datasheet
442Kb / 20P
   128Kx36 & 256Kx18 Synchronous SRAM
K7N403609B SAMSUNG-K7N403609B_06 Datasheet
404Kb / 19P
   128Kx36 & 256Kx18 Pipelined NtRAM
K7A403600B SAMSUNG-K7A403600B Datasheet
470Kb / 18P
   128Kx36/x32 & 256Kx18 Synchronous SRAM
K7A403600B SAMSUNG-K7A403600B_06 Datasheet
418Kb / 19P
   128Kx36/x32 & 256Kx18 Synchronous SRAM
K7N403601B SAMSUNG-K7N403601B Datasheet
386Kb / 18P
   128Kx36 & 256Kx18 Pipelined NtRAM
K7N403601A SAMSUNG-K7N403601A Datasheet
387Kb / 17P
   128Kx36 & 256Kx18-Bit Pipelined NtRAMTM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com