Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM718FV4021H-6 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # KM718FV4021H-6
Description  128Kx36 & 256Kx18 Synchronous Pipelined SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM718FV4021H-6 Datasheet(HTML) 2 Page - Samsung semiconductor

  KM718FV4021H-6 Datasheet HTML 1Page - Samsung semiconductor KM718FV4021H-6 Datasheet HTML 2Page - Samsung semiconductor KM718FV4021H-6 Datasheet HTML 3Page - Samsung semiconductor KM718FV4021H-6 Datasheet HTML 4Page - Samsung semiconductor KM718FV4021H-6 Datasheet HTML 5Page - Samsung semiconductor KM718FV4021H-6 Datasheet HTML 6Page - Samsung semiconductor KM718FV4021H-6 Datasheet HTML 7Page - Samsung semiconductor KM718FV4021H-6 Datasheet HTML 8Page - Samsung semiconductor KM718FV4021H-6 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Rev 1.0
KM718FV4021
128Kx36 & 256Kx18 SRAM
- 2 -
KM736FV4021
Dec. 1998
PIN DESCRIPTION
Pin Name
Pin Description
Pin Name
Pin Description
K, K
Differential Clocks
VDDQ
Output Power Supply
SAn
Synchronous Address Input
M1, M2
Read Protocol Mode Pins ( M1=VSS, M2=VDD )
DQn
Bi-directional Data Bus
G
Asynchronous Output Enable
SW
Synchronous Global Write Enable
SS
Synchronous Select
SWa
Synchronous Byte a Write Enable
TCK
JTAG Test Clock
SWb
Synchronous Byte b Write Enable
TMS
JTAG Test Mode Select
SWc
Synchronous Byte c Write Enable
TDI
JTAG Test Data Input
SWd
Synchronous Byte d Write Enable
TDO
JTAG Test Data Output
ZZ
Asynchronous Power Down
VSS
GND
VDD
Core Power Supply
NC
No Connection
128Kx36 & 256Kx18 Synchronous Pipelined SRAM
FEATURES
• 128Kx36 or 256Kx18 Organizations.
• 3.3V Core Power Supply.
• LVTTL Input and Output Levels.
• Differential, PECL Clock Inputs K, K.
• Synchronous Read and Write Operation
• Registered Input and Registered Output
• Internal Pipeline Latches to Support Late Write.
• Byte Write Capability(four byte write selects, one for each 9bits)
• Synchronous or Asynchronous Output Enable.
• Power Down Mode via ZZ Signal.
• JTAG 1149.1 Compatible Test Access port.
• 119(7x17)Pin Ball Grid Array Package(14mmx22mm)
Organization
Part Number
Cycle
Time
Access
Time
128Kx36
KM736FV4021H-5
5
2.5
KM736FV4021H-6
6
3.0
KM736FV4021H-7
7
3.5
256Kx18
KM718FV4021H-5
5
2.5
KM718FV4021H-6
6
3.0
KM718FV4021H-7
7
3.5
FUNCTIONAL BLOCK DIAGRAM
SA[0:16] or SA[0:17]
CK
SS
SW
SWx
G
128Kx36
Data In
ZZ
DQx[1:9]
(x=a, b, c, d)
or (x=a, b)
(x=a, b, c, d)
or (x=a, b)
K
K
CK
or
256Kx18
Array
Column Decoder
Write/Read Circuit
Register
0
1
Data Out
Register
1
Read
Address
Register
Write
Address
Register
Latch
SW
Register
SW
Register
Latch
SWx
Register
SWx
Register
SS
Register
SS
Register
0


Similar Part No. - KM718FV4021H-6

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
KM718N FRONTIER-KM718N Datasheet
109Kb / 1P
   10mm Adjustable Unshielded IFT Coils
KM718N FRONTIER-KM718N Datasheet
134Kb / 1P
   10mm ADJUSTABLE RF COILS (UNSHIELDED)
KM718N-LFR FRONTIER-KM718N-LFR Datasheet
109Kb / 1P
   10mm Adjustable Unshielded IFT Coils
logo
Samsung semiconductor
KM718V089 SAMSUNG-KM718V089 Datasheet
536Kb / 20P
   512Kx36 & 1Mx18 Synchronous SRAM
KM718V887 SAMSUNG-KM718V887 Datasheet
470Kb / 16P
   256Kx18 Synchronous SRAM
More results

Similar Description - KM718FV4021H-6

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7P403622M SAMSUNG-K7P403622M Datasheet
240Kb / 12P
   128Kx36 & 256Kx18 Synchronous Pipelined SRAM
K7P403622B SAMSUNG-K7P403622B Datasheet
280Kb / 13P
   128Kx36 & 256Kx18 Synchronous Pipelined SRAM
K7A403609A SAMSUNG-K7A403609A Datasheet
466Kb / 17P
   128Kx36 & 256Kx18-Bit Synchronous Pipelined Burst SRAM
K7A403609B SAMSUNG-K7A403609B_06 Datasheet
419Kb / 19P
   128Kx36/x32 & 256Kx18 Synchronous SRAM
K7B403625B SAMSUNG-K7B403625B Datasheet
442Kb / 20P
   128Kx36 & 256Kx18 Synchronous SRAM
K7N403609B SAMSUNG-K7N403609B_06 Datasheet
404Kb / 19P
   128Kx36 & 256Kx18 Pipelined NtRAM
K7A403600B SAMSUNG-K7A403600B Datasheet
470Kb / 18P
   128Kx36/x32 & 256Kx18 Synchronous SRAM
K7A403600B SAMSUNG-K7A403600B_06 Datasheet
418Kb / 19P
   128Kx36/x32 & 256Kx18 Synchronous SRAM
K7N403601B SAMSUNG-K7N403601B Datasheet
386Kb / 18P
   128Kx36 & 256Kx18 Pipelined NtRAM
K7N403601A SAMSUNG-K7N403601A Datasheet
387Kb / 17P
   128Kx36 & 256Kx18-Bit Pipelined NtRAMTM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com