Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM718FV4021H-7 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # KM718FV4021H-7
Description  128Kx36 & 256Kx18 Synchronous Pipelined SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM718FV4021H-7 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button KM718FV4021H-7 Datasheet HTML 4Page - Samsung semiconductor KM718FV4021H-7 Datasheet HTML 5Page - Samsung semiconductor KM718FV4021H-7 Datasheet HTML 6Page - Samsung semiconductor KM718FV4021H-7 Datasheet HTML 7Page - Samsung semiconductor KM718FV4021H-7 Datasheet HTML 8Page - Samsung semiconductor KM718FV4021H-7 Datasheet HTML 9Page - Samsung semiconductor KM718FV4021H-7 Datasheet HTML 10Page - Samsung semiconductor KM718FV4021H-7 Datasheet HTML 11Page - Samsung semiconductor KM718FV4021H-7 Datasheet HTML 12Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Rev 1.0
KM718FV4021
128Kx36 & 256Kx18 SRAM
- 10
KM736FV4021
Dec. 1998
BOUNDARY SCAN EXIT ORDER(x36)
36
3B
SA9
SA8
5B
35
37
2B
NC
NC
6B
34
38
3A
SA10
SA7
5A
33
39
3C
SA11
SA6
5C
32
40
2C
SA12
SA5
6C
31
41
2A
SA13
SA4
6A
30
42
2D
DQc9
DQb9
6D
29
43
1D
DQc8
DQb8
7D
28
44
2E
DQc7
DQb7
6E
27
45
1E
DQc6
DQb6
7E
26
46
2F
DQc5
DQb5
6F
25
47
2G
DQc4
DQb4
6G
24
48
1G
DQc3
DQb3
7G
23
49
2H
DQc2
DQb2
6H
22
50
1H
DQc1
DQb1
7H
21
51
3G
SWc
SWb
5G
20
52
4D
NC
G
4F
19
53
4E
SS
K
4K
18
54
4G
NC
K
4L
17
55
4H
NC
SWa
5L
16
56
4M
SW
DQa1
7K
15
57
3L
SWd
DQa2
6K
14
58
1K
DQd1
DQa3
7L
13
59
2K
DQd2
DQa4
6L
12
60
1L
DQd3
DQa5
6M
11
61
2L
DQd4
DQa6
7N
10
62
2M
DQd5
DQa7
6N
9
63
1N
DQd6
DQa8
7P
8
64
2N
DQd7
DQa9
6P
7
65
1P
DQd8
ZZ
7T
6
66
2P
DQd9
SA3
5T
5
67
3T
SA14
SA2
6R
4
68
2R
SA15
SA1
4T
3
69
4N
SA16
SA0
4P
2
70
3R
M1
M2
5R
1
BOUNDARY SCAN EXIT ORDER(x18)
26
3B
SA9
SA8
5B
25
27
2B
NC
NC
6B
24
28
3A
SA10
SA7
5A
23
29
3C
SA11
SA6
5C
22
30
2C
SA12
SA5
6C
21
31
2A
SA13
SA4
6A
20
DQa9
6D
19
32
1D
DQb1
33
2E
DQb2
DQa8
7E
18
DQa7
6F
17
34
2G
DQb3
DQa6
7G
16
DQa5
6H
15
35
1H
DQb4
36
3G
SWb
37
4D
NC
G
4F
14
38
4E
SS
K
4K
13
39
4G
NC
K
4L
12
40
4H
NC
SWa
5L
11
41
4M
SW
DQa4
7K
10
42
2K
DQb5
DQa3
6L
9
43
1L
DQb6
44
2M
DQb7
DQa2
6N
8
45
1N
DQb8
DQa1
7P
7
ZZ
7T
6
46
2P
DQb9
SA3
5T
5
47
3T
SA14
SA2
6R
4
48
2R
SA15
49
4N
SA16
SA1
4P
3
50
2T
SA17
SA0
6T
2
51
3R
M1
M2
5R
1
SCAN REGISTER DEFINITION
Part
Instruction Register
Bypass Register
ID Register
Boundary Scan
128Kx36
3 bits
1 bits
32 bits
70 bits
256Kx18
3 bits
1 bits
32 bits
51 bits
ID REGISTER DEFINITION
Part
Revision Number
(31:28)
Part Configuration
(27:18)
Vendor Definition
(17:12)
Samsung JEDEC Code
(11: 1)
Start Bit(0)
128Kx36
0000
00101 00100
XXXXXX
00001001110
1
256Kx18
0000
00110 00011
XXXXXX
00001001110
1
NOTE : 1. Pins 6B and 2B are no connection pin to internal chip. These pins are place holders for 16M part and the scanned data are fixed to "0" for this
4M parts.


Similar Part No. - KM718FV4021H-7

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
KM718N FRONTIER-KM718N Datasheet
109Kb / 1P
   10mm Adjustable Unshielded IFT Coils
KM718N FRONTIER-KM718N Datasheet
134Kb / 1P
   10mm ADJUSTABLE RF COILS (UNSHIELDED)
KM718N-LFR FRONTIER-KM718N-LFR Datasheet
109Kb / 1P
   10mm Adjustable Unshielded IFT Coils
logo
Samsung semiconductor
KM718V089 SAMSUNG-KM718V089 Datasheet
536Kb / 20P
   512Kx36 & 1Mx18 Synchronous SRAM
KM718V887 SAMSUNG-KM718V887 Datasheet
470Kb / 16P
   256Kx18 Synchronous SRAM
More results

Similar Description - KM718FV4021H-7

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7P403622M SAMSUNG-K7P403622M Datasheet
240Kb / 12P
   128Kx36 & 256Kx18 Synchronous Pipelined SRAM
K7P403622B SAMSUNG-K7P403622B Datasheet
280Kb / 13P
   128Kx36 & 256Kx18 Synchronous Pipelined SRAM
K7A403609A SAMSUNG-K7A403609A Datasheet
466Kb / 17P
   128Kx36 & 256Kx18-Bit Synchronous Pipelined Burst SRAM
K7A403609B SAMSUNG-K7A403609B_06 Datasheet
419Kb / 19P
   128Kx36/x32 & 256Kx18 Synchronous SRAM
K7B403625B SAMSUNG-K7B403625B Datasheet
442Kb / 20P
   128Kx36 & 256Kx18 Synchronous SRAM
K7N403609B SAMSUNG-K7N403609B_06 Datasheet
404Kb / 19P
   128Kx36 & 256Kx18 Pipelined NtRAM
K7A403600B SAMSUNG-K7A403600B Datasheet
470Kb / 18P
   128Kx36/x32 & 256Kx18 Synchronous SRAM
K7A403600B SAMSUNG-K7A403600B_06 Datasheet
418Kb / 19P
   128Kx36/x32 & 256Kx18 Synchronous SRAM
K7N403601B SAMSUNG-K7N403601B Datasheet
386Kb / 18P
   128Kx36 & 256Kx18 Pipelined NtRAM
K7N403601A SAMSUNG-K7N403601A Datasheet
387Kb / 17P
   128Kx36 & 256Kx18-Bit Pipelined NtRAMTM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com