Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K9XXG08UXM-E Datasheet(PDF) 11 Page - Samsung semiconductor

Part # K9XXG08UXM-E
Description  256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K9XXG08UXM-E Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button K9XXG08UXM-E Datasheet HTML 7Page - Samsung semiconductor K9XXG08UXM-E Datasheet HTML 8Page - Samsung semiconductor K9XXG08UXM-E Datasheet HTML 9Page - Samsung semiconductor K9XXG08UXM-E Datasheet HTML 10Page - Samsung semiconductor K9XXG08UXM-E Datasheet HTML 11Page - Samsung semiconductor K9XXG08UXM-E Datasheet HTML 12Page - Samsung semiconductor K9XXG08UXM-E Datasheet HTML 13Page - Samsung semiconductor K9XXG08UXM-E Datasheet HTML 14Page - Samsung semiconductor K9XXG08UXM-E Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 39 page
background image
FLASH MEMORY
11
K9W4G08U1M
K9W4G16U1M
K9K2G08U0M
K9K2G16Q0M
K9K2G08Q0M
K9K2G16U0M
Product Introduction
The K9K2GXXX0M is a 2112Mbit(2,214,592,512 bit) memory organized as 131,072 rows(pages) by 2112x8(X8 device) or
1056x16(X16 device) columns. Spare 64(X8) or 32(X16) columns are located from column address of 2048~2111(X8 device) or
1024~1055(X16 device).
A 2112-byte(X8 device) or 1056-word(X16 device) data register and a 2112-byte(X8 device) or 1056-
word(X16 device) cache register are serially connected to each other. Those serially connected registers are connected to memory
cell arrays for accommodating data transfer between the I/O buffers and memory cells during page read and page program opera-
tions. The memory array is made up of 32 cells that are serially connected to form a NAND structure. Each of the 32 cells resides in a
different page. A block consists of two NAND structured strings. A NAND structure consists of 32 cells. Total 1081344 NAND cells
reside in a block. The program and read operations are executed on a page basis, while the erase operation is executed on a block
basis. The memory array consists of 2048 separately erasable 128K-byte(X8 device) or 64K-word(X16 device) blocks. It indicates
that the bit by bit erase operation is prohibited on the K9K2GXXX0M.
The K9K2GXXX0M has addresses multiplexed into 8 I/Os(X16 device case : lower 8 I/Os). This scheme dramatically reduces pin
counts and allows system upgrades to future densities by maintaining consistency in system board design. Command, address and
data are all written through I/O's by bringing WE to low while CE is low. Those are latched on the rising edge of WE. Command Latch
Enable(CLE) and Address Latch Enable(ALE) are used to multiplex command and address respectively, via the I/O pins. Some com-
mands require one bus cycle. For example, Reset Command, Status Read Command, etc require just one cycle bus. Some other
commands, like page read and block erase and page program, require two cycles: one cycle for setup and the other cycle for execu-
tion. The 256M byte(X8 device) or 128M word(X16 device) physical space requires 29(X8) or 28(X16) addresses, thereby requiring
four cycles for addressing: 2 cycles of column address, 3 cycles of row address, in that order. Page Read and Page Program need
the same four address cycles following the required command input. In Block Erase operation, however, only the two row address
cycles are used. Device operations are selected by writing specific commands into the command register. Table 1 defines the specific
commands of the K9K2GXXX0M.
The device provides cache program in a block. It is possible to write data into the cache registers while data stored in data registers
are being programmed into memory cells in cache program mode. The program performace may be dramatically improved by cache
program when there are lots of pages of data to be programmed.
The device embodies power-on auto-read feature which enables serial access of data of the 1st page without command and address
input after power-on.
In addition to the enhanced architecture and interface, the device incorporates copy-back program feature from one page to another
page without need for transporting the data to and from the external buffer memory. Since the time-consuming serial access and
data-input cycles are removed, system performance for solid-state disk application is significantly increased.
Table 1. Command Sets
NOTE : 1. Random Data Input/Output can be executed in a page.
Caution : Any undefined command inputs are prohibited except for above command set of Table 1.
Function
1st. Cycle
2nd. Cycle
Acceptable Command during Busy
Read
00h
30h
Read for Copy Back
00h
35h
Read ID
90h
-
Reset
FFh
-
O
Page Program
80h
10h
Cache Program
80h
15h
Copy-Back Program
85h
10h
Block Erase
60h
D0h
Random Data Input*
85h
-
Random Data Output*
05h
E0h
Read Status
70h
O


Similar Part No. - K9XXG08UXM-E

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9XXG08UXM SAMSUNG-K9XXG08UXM Datasheet
1Mb / 51P
   2G x 8 Bit NAND Flash Memory
K9XXG08UXM SAMSUNG-K9XXG08UXM_V01 Datasheet
1Mb / 51P
   2G x 8 Bit NAND Flash Memory
More results

Similar Description - K9XXG08UXM-E

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9K2G08U0M-VCB0 SAMSUNG-K9K2G08U0M-VCB0 Datasheet
734Kb / 38P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K9W4G08U1M SAMSUNG-K9W4G08U1M Datasheet
641Kb / 40P
   256M x 8 Bit / 128M x 16 Bit NAND Flash Memory
K9K2G08U1A SAMSUNG-K9K2G08U1A Datasheet
1,008Kb / 37P
   128M x 8 Bit / 256M x 8 Bit NAND Flash Memory
K9K4G08U1M SAMSUNG-K9K4G08U1M Datasheet
839Kb / 40P
   256M x 8 Bit / 128M x 16 Bit / 512M x 8 Bit NAND Flash Memory
K9K1G08U0A SAMSUNG-K9K1G08U0A Datasheet
906Kb / 43P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K91G08Q0M SAMSUNG-K91G08Q0M Datasheet
729Kb / 40P
   128M x 8 Bit / 64M x 16 Bit NAND Flash Memory
K9W8G08U1M SAMSUNG-K9W8G08U1M Datasheet
601Kb / 38P
   512M x 8 Bit / 256M x 16 Bit NAND Flash Memory
K9F1G08U0B SAMSUNG-K9F1G08U0B Datasheet
570Kb / 36P
   128M x 8 Bit NAND Flash Memory
K9K1G08R0B SAMSUNG-K9K1G08R0B Datasheet
1Mb / 41P
   128M x 8 Bit NAND Flash Memory
K9K2G08U0A SAMSUNG-K9K2G08U0A Datasheet
850Kb / 34P
   256M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com