Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KM684002I-17 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # KM684002I-17
Description  512Kx8 Bit High Speed Static RAM(5V Operating), Revolutionary Pin out. Operated at Commercial, Extended and Industrial Temperature Range.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM684002I-17 Datasheet(HTML) 8 Page - Samsung semiconductor

  KM684002I-17 Datasheet HTML 1Page - Samsung semiconductor KM684002I-17 Datasheet HTML 2Page - Samsung semiconductor KM684002I-17 Datasheet HTML 3Page - Samsung semiconductor KM684002I-17 Datasheet HTML 4Page - Samsung semiconductor KM684002I-17 Datasheet HTML 5Page - Samsung semiconductor KM684002I-17 Datasheet HTML 6Page - Samsung semiconductor KM684002I-17 Datasheet HTML 7Page - Samsung semiconductor KM684002I-17 Datasheet HTML 8Page - Samsung semiconductor KM684002I-17 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
KM684002, KM684002E, KM684002I
CMOS SRAM
PRELIMINARY
Rev 3.0
- 8 -
June -1997
NOTES(WRITE CYCLE)
1. All write cycle timing is referenced from the last valid address to the first transition address.
2. A write occurs during the overlap of a low CS and WE. A write begins at the latest transition CS going low and WE going low ; A write ends at the ear-
liest transition CS going high or WE going high. tWP is measured from the beginning of write to the end of write.
3. tCW is measured from the later of CS going low to end of write.
4. tAS is measured from the address valid to the beginning of write.
5. tWR is measured from the end of write to the address change. t WR applied in case a write ends as CS or WE going high.
6. If OE, CS and WE are in the Read Mode during this period, the I/O pins are in the output low-Z state. Inputs of opposite phase of the output mus t not
be applied because bus contention can occur.
7. For common I/O applications, minimization or elimination of bus contention conditions is necessary during read and write cycl e.
8. If CS goes low simultaneously with WE going or after WE going low, the outputs remain high impedance state.
9. Dout is the read data of the new address.
10. When CS is low : I/O pins are in the output state. The input signals in the opposite phase leading to the output should not be applied.
FUNCTIONAL DESCRIPTION
* NOTE : X means Don't Care.
CS
WE
OE
Mode
I/O Pin
Supply Current
H
X
X*
Not Select
High-Z
ISB, ISB1
L
H
H
Output Disable
High-Z
ICC
L
H
L
Read
DOUT
ICC
L
L
X
Write
DIN
ICC


Similar Part No. - KM684002I-17

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM684000 SAMSUNG-KM684000 Datasheet
344Kb / 7P
   524, 288 WORD x 8 BIT HIGH SPEED CMOS STATIC RAM
KM684000ALG-5 SAMSUNG-KM684000ALG-5 Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
KM684000ALG-7L SAMSUNG-KM684000ALG-7L Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
KM684000ALGI-7L SAMSUNG-KM684000ALGI-7L Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
KM684000ALP-7 SAMSUNG-KM684000ALP-7 Datasheet
190Kb / 10P
   128Kx8 bit Low Power CMOS Static RAM
More results

Similar Description - KM684002I-17

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM681002B SAMSUNG-KM681002B Datasheet
171Kb / 8P
   128Kx8 Bit High Speed Static RAM(5V Operating), Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
KM641003A SAMSUNG-KM641003A Datasheet
123Kb / 8P
   256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out Operated at Commercial and Industrial Temperature Range
K6R4008C1C-C SAMSUNG-K6R4008C1C-C Datasheet
134Kb / 9P
   512Kx8 Bit High Speed Static RAM(5V Operating). Operated at Extended and Industrial Temperature Ranges.
KM681002A SAMSUNG-KM681002A Datasheet
171Kb / 9P
   128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
K6R1008V1B SAMSUNG-K6R1008V1B Datasheet
184Kb / 9P
   128Kx8 Bit High Speed Static RAM(3.3V Operating), Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges
KM68257C SAMSUNG-KM68257C Datasheet
190Kb / 10P
   32Kx8 Bit High Speed Static RAM(5V Operating(, Evolutionary Pin out. Operated at Commercial Temperature Range.
K6R4008V1D SAMSUNG-K6R4008V1D Datasheet
239Kb / 10P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1D-KI10T00 SAMSUNG-K6R4008V1D-KI10T00 Datasheet
245Kb / 10P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R4008V1C-C SAMSUNG-K6R4008V1C-C Datasheet
139Kb / 9P
   512Kx8 Bit High Speed Static RAM(3.3V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R1008C1B- SAMSUNG-K6R1008C1B- Datasheet
169Kb / 8P
   128Kx8 Bit High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com