Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74164-0126 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 74164-0126
Description  2.54mm (.100
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74164-0126 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  74164-0126 Datasheet HTML 1Page - Molex Electronics Ltd. 74164-0126 Datasheet HTML 2Page - Molex Electronics Ltd. 74164-0126 Datasheet HTML 3Page - Molex Electronics Ltd. 74164-0126 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-70873-0019
Product Specification
PS-74164-001
Sales Drawing
SD-74164-001
This document was generated on 05/21/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 74164-0126

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
74164-0120 MOLEX8-74164-0120 Datasheet
403Kb / 4P
   2.54mm (.100") Pitch C-Grid짰 Receptacle, Right Angle, Through Hole, Dual RowShrouded with Pegs High-Temperature, 20 Circuits, Tin (Sn
74164-0122 MOLEX8-74164-0122 Datasheet
403Kb / 4P
   2.54mm (.100") Pitch C-Grid짰 Receptacle, Right Angle, Through Hole, Dual Row, Shrouded with Pegs High-Temperature, 22 Circuits, Tin (Sn)
74164-0124 MOLEX8-74164-0124 Datasheet
403Kb / 4P
   2.54mm (.100
74164-0128 MOLEX8-74164-0128 Datasheet
403Kb / 4P
   2.54mm (.100") Pitch C-Grid짰 Receptacle, Right Angle, Through Hole, Dual RowShrouded with Pegs High-Temperature, 28 Circuits, Tin (Sn)
More results

Similar Description - 74164-0126

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0741640124 MOLEX8-0741640124 Datasheet
403Kb / 4P
   2.54mm (.100
0739432000 MOLEX8-0739432000 Datasheet
147Kb / 4P
   2.54mm (.100
0675810019 MOLEX8-0675810019 Datasheet
127Kb / 2P
   2.54mm (.100
0684261200 MOLEX8-0684261200 Datasheet
69Kb / 2P
   2.54mm (.100
0705430109 MOLEX8-0705430109 Datasheet
429Kb / 4P
   2.54mm (.100
0713492003 MOLEX8-0713492003 Datasheet
432Kb / 5P
   2.54mm (.100
0705630053 MOLEX8-0705630053 Datasheet
225Kb / 4P
   2.54mm (.100
0678008012 MOLEX8-0678008012 Datasheet
213Kb / 4P
   2.54mm (.100
0702800441 MOLEX8-0702800441 Datasheet
294Kb / 4P
   2.54mm (.100
0250020905 MOLEX4-0250020905 Datasheet
174Kb / 2P
   2.54mm (.100
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com