Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70287-1200 Datasheet(PDF) 6 Page - Molex Electronics Ltd.

Part # 70287-1200
Description  2.54mm (.100") Pitch C-Grid짰 Header, Breakaway, Dual Row, Vertical, with RetentionPin, 12 Circuits, 6.10mm (.240") Mating Pin Length, 0.76關m (30關") Gold (Au) Selective
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

70287-1200 Datasheet(HTML) 6 Page - Molex Electronics Ltd.

  70287-1200 Datasheet HTML 1Page - Molex Electronics Ltd. 70287-1200 Datasheet HTML 2Page - Molex Electronics Ltd. 70287-1200 Datasheet HTML 3Page - Molex Electronics Ltd. 70287-1200 Datasheet HTML 4Page - Molex Electronics Ltd. 70287-1200 Datasheet HTML 5Page - Molex Electronics Ltd. 70287-1200 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
70287
REV:
ECR/ECN INFORMATION
SHEET No.
EC No:
UCP2010-0011
A
DATE:
3/2/2010
TITLE:
SALES ASS’Y – HIGH TEMP.
DUAL ROW, .025” SQ PINS
.100” GRID W/ RET. PINS
- 4 -
DOCUMENT NUMBER:
CREATED / REVISED BY:
CHECKED BY:
APPROVED BY:
SD-70287-004
MKIPPER
JBELL
FSMITH
TEMPLATE FILENAME: PRODUCT_SPEC[SIZE_A](V.1).DOC
ENG. NO: A-70287-1295
DIM. C
(5.84) / .230
DIM. E (REF.)
(2.97) / .117
DIM. L (REF.)
(11.10) / .437
MATING SIDE PLATING
15 GOLD
DIM. D (MEASURE PT.)
(2.54) / .100
P.C. BOARD SIDE PLATING
TIN
DIM. F (MEASURE PT.)
(1.27) / .050
RETENTIVE PIN LOCATION
ROW B - CKTS 3, 4
(SEE NOTE 6, SHEET 1)
PACKAGING
BULK - PK-70873-0353
VOID PIN LOCATION
CKTS
MATERIAL NUMBER
ROW
LOCATION
10
70287-1295
A
1


Similar Part No. - 70287-1200

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
70287-1201 MOLEX8-70287-1201 Datasheet
319Kb / 6P
   2.54mm (.100") Pitch C-Grid Header, Breakaway, Dual Row, Vertical, with Retention Pin, 14 Circuits, 6.10mm
70287-1203 MOLEX8-70287-1203 Datasheet
319Kb / 6P
   2.54mm (.100") Pitch C-Grid짰 Header, Breakaway, Dual Row, Vertical, with RetentionPin, 18 Circuits, 6.10mm (.240") Mating Pin Length, 0.76關m (30關") Gold (Au) Selective
70287-1204 MOLEX8-70287-1204 Datasheet
319Kb / 6P
   2.54mm (.100") Pitch C-Grid짰 Header, Breakaway, Dual Row, Vertical, with RetentionPin, 20 Circuits, 6.10mm (.240") Mating Pin Length, 0.76關m (30關") Gold (Au) Selective
70287-1205 MOLEX8-70287-1205 Datasheet
319Kb / 6P
   2.54mm (.100") Pitch C-Grid짰 Header, Breakaway, Dual Row, Vertical, with RetentionPin, 22 Circuits, 6.10mm (.240") Mating Pin Length, 0.76關m (30關") Gold (Au) Selective
70287-1206 MOLEX8-70287-1206 Datasheet
319Kb / 6P
   2.54mm (.100") Pitch C-Grid짰 Header, Breakaway, Dual Row, Vertical, with Retention Pin, 24 Circuits, 6.10mm (.240") Mating Pin Length, 0.76關m (30關") Gold (Au) Selective Plating
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com