Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0716612340 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 0716612340
Description  1.27mm (.050") Pitch EBBI??50D Plug, Right Angle, 40 Circuits, 3.18mm (.125") PCTail Length
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

0716612340 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  0716612340 Datasheet HTML 1Page - Molex Electronics Ltd. 0716612340 Datasheet HTML 2Page - Molex Electronics Ltd. 0716612340 Datasheet HTML 3Page - Molex Electronics Ltd. 0716612340 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image


Similar Part No. - 0716612340

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0716612330 MOLEX8-0716612330 Datasheet
282Kb / 4P
   1.27mm (.050") Pitch EBBI??50D Plug, Right Angle, 30 Circuits, 3.18mm (.125") PCTail Length
0716612350 MOLEX8-0716612350 Datasheet
282Kb / 4P
   1.27mm (.050") Pitch EBBI??50D Plug, Right Angle, 50 Circuits, 3.18mm (.125") PC Tail Length
0716612360 MOLEX8-0716612360 Datasheet
282Kb / 4P
   1.27mm (.050") Pitch EBBI??50D Plug, Right Angle, 60 Circuits, 3.18mm (.125") PCTail Length
0716612368 MOLEX8-0716612368 Datasheet
282Kb / 4P
   1.27mm (.050") Pitch EBBI??50D Plug, Right Angle, 68 Circuits, 3.18mm (.125") PCTail Length
0716612380 MOLEX8-0716612380 Datasheet
282Kb / 4P
   1.27mm (.050") Pitch EBBI??50D Plug, Right Angle, 80 Circuits, 3.18mm (.125") PCTail Length
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com