Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74695-1002 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 74695-1002
Description  2.00mm (.079") Pitch 5-Row VHDM-HSD Backplane Header, Open Module, 40 Circuits, Pin Length 6.25mm (.246")
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

74695-1002 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  74695-1002 Datasheet HTML 1Page - Molex Electronics Ltd. 74695-1002 Datasheet HTML 2Page - Molex Electronics Ltd. 74695-1002 Datasheet HTML 3Page - Molex Electronics Ltd. 74695-1002 Datasheet HTML 4Page - Molex Electronics Ltd. 74695-1002 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image


Similar Part No. - 74695-1002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
74695-1002 MOLEX-74695-1002 Datasheet
609Kb / 2P
   2.00 by 2.25mm (.079 by .089") Pitch 5-Row, 6-Row and 8-Row VHDM-HSD Module-to-Backplane Connector System
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com