Electronic Components Datasheet Search |
|
74695-2601 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
74695-2601 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 5 page This document was generated on 06/08/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0746952601 Status: Active Overview: vhdm__hsd Description: 2.00mm (.079") Pitch 5-Row VHDM-HSD™ Backplane Header, Guide Pin Signal Module, Open End Version, Advanced Mate Shield, 100 Circuits, Pin Length 4.75mm (.187") Documents: Drawing (PDF) RoHS Certificate of Compliance (PDF) Agency Certification CSA LR19880 General Product Family Backplane Connectors Series 74695 Application Backplane Application Tooling Documents <a href="http://www.molex.com/pdm_docs/ats/ TM-622010999.pdf">Tooling Manual</a> Comments Open Header Component Type PCB Header Overview vhdm__hsd Product Name VHDM-HSD™ Style N/A Physical Circuits (Loaded) 100 Circuits (maximum) 100 Color - Resin Black Durability (mating cycles max) 200 First Mate / Last Break No Flammability 94V-0 Guide to Mating Part No Keying to Mating Part None Material - Metal High Performance Alloy (HPA) Material - Plating Mating Gold Material - Plating Termination Tin-Lead Material - Resin High Temperature Thermoplastic Number of Columns 25 Number of Pairs Open Pin Field Number of Rows 5 Orientation Vertical PCB Retention None PCB Thickness Recommended (in) 0.070 In PCB Thickness Recommended (mm) 1.80 mm Packaging Type Tube Pitch - Mating Interface (in) 0.079 In Pitch - Mating Interface (mm) 2.00 mm Plating min: Mating (µin) 30 Plating min: Mating (µm) 0.75 Plating min: Termination (µin) 30 Plating min: Termination (µm) 0.75 Polarized to PCB Yes Surface Mount Compatible (SMC) Yes Temperature Range - Operating -55°C to +105°C Termination Interface: Style Through Hole - Compliant Pin Series image - Reference only EU RoHS China RoHS RoHS Compliant by Exemption REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 74695Series Mates With 74670 HSD Daughtercard Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # VHDM® 5 Row Pin and Shield Repair Tool 0622015810 VHDM® 5 Row Shield Extraction Tool 0622016010 VHDM-HSD™ Signal Header, 5 Row by 25 Wide, 50.00mm (1.97") 0622020202 |
Similar Part No. - 74695-2601 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |