Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0717420006 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0717420006
Description  1.00mm (.039") Pitch Mezzanine Receptacle, Surface Mount, Dual Row, Vertical Stacking, 84 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX8 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX8 - Molex Electronics Ltd.

0717420006 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0717420006 Datasheet HTML 1Page - Molex Electronics Ltd. 0717420006 Datasheet HTML 2Page - Molex Electronics Ltd. 0717420006 Datasheet HTML 3Page - Molex Electronics Ltd. 0717420006 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This document was generated on 04/08/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0717420006
Status:
Active
Description:
1.00mm (.039") Pitch Mezzanine Receptacle, Surface Mount, Dual Row, Vertical
Stacking, 84 Circuits, 0.76µm (30µ") Gold Plating, Tape and Reel Packaging
Documents:
3D Model
Product Specification PS-71741-9999 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Receptacles
Series
71742
Application
Board-to-Board
Product Name
Mezzanine
Physical
Circuits (Loaded)
84
Color - Resin
Natural
Glow-Wire Compliant
No
Lock to Mating Part
Yes
Material - Metal
Phosphor Bronze
Material - Plating Mating
Gold
Material - Plating Termination
Tin
Material - Resin
High Temperature Thermoplastic
Number of Rows
2
Orientation
Vertical
PCB Locator
Yes
PCB Retention
None
PCB Thickness Recommended (in)
0.040 In
PCB Thickness Recommended (mm)
1.00 mm
Packaging Type
Embossed Tape on Reel
Pitch - Mating Interface (in)
0.039 In
Pitch - Mating Interface (mm)
1.00 mm
Plating min: Mating (µin)
30.4
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
76.4
Plating min: Termination (µm)
1.91
Polarized to PCB
No
Robotic Placement
Pick and Place Cap
Surface Mount Compatible (SMC)
N/A
Temperature Range - Operating
-55°C to +85°C
Termination Interface: Style
Surface Mount
Electrical
Current - Maximum per Contact
1A
Voltage - Maximum
100V
Solder Process Data
Duration at Max. Process Temperature (seconds)
40
Lead-free Process Capability
Reflow Capable (SMT only)
Max. Cycles at Max. Process Temperature
3
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Product Specification
PS-71741-9999
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
71742Series
Mates With
717410 for Stack Height 10mm, 717412 for
Stack Height 8mm


Similar Part No. - 0717420006

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0717420001 MOLEX8-0717420001 Datasheet
229Kb / 4P
   1.00mm (.039") Pitch Mezzanine Receptacle, Surface Mount, Dual Row, VerticalStacking, 84 Circuits
0717420003 MOLEX8-0717420003 Datasheet
229Kb / 4P
   1.00mm (.039") Pitch Mezzanine Receptacle, Surface Mount, Dual Row, VerticalStacking, 84 Circuits
0717420004 MOLEX8-0717420004 Datasheet
228Kb / 4P
   1.00mm (.039") Pitch Mezzanine Receptacle, Surface Mount, Dual Row, VerticalStacking, 84 Circuits
0717420005 MOLEX8-0717420005 Datasheet
229Kb / 4P
   1.00mm (.039") Pitch Mezzanine Receptacle, Surface Mount, Dual Row, VerticalStacking, 84 Circuits
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com