Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMB-24L Datasheet(PDF) 2 Page - Sanken electric

Part # FMB-24L
Description  Schottky Barrier Diodes 40V
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FMB-24L Datasheet(HTML) 2 Page - Sanken electric

  FMB-24L Datasheet HTML 1Page - Sanken electric FMB-24L Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SANKEN ELECTRIC CO., LTD.
FMB-24
041013
2/5
61426-01
4.
Absolute maximum ratings
No.
Item
Symbol
Unit
Rating
Conditions
1
Transient Peak Reverse Voltage
VRSM
V
48
2
Peak Reverse Voltage
VRM
V
40
3
Average Forward Current
IF(AV)
A
4.0
Refer to Derating of 7
4
Peak Surge Forward Current
IFSM
A
50
Half sinewave, one shot
5
I2t Limiting Value
I2t
A2s
12.5
1msec≤t≤10msec
6
Junction Temperature
Tj
°C
-40∼+150
7
Storage Temperature
Tstg
°C
-40∼+150
No.1,2,4&5 show ratings per one chip.
5.
Electrical characteristics (Ta=25°C ,unless otherwise specified)
No
.
Item
Symbol
Unit
Value
Conditions
1
Forward Voltage Drop
VF
V
0.55 max.
IF=2.0A
2
Reverse Leakage Current
IR
mA
2.0 max.
VR=VRM
3
Reverse Leakage Current Under
High Temperature
H-IR
mA
20 max.
VR=VRM, Tj=125°C
70 max.
VR=VRM, Tj=150°C
4
Thermal Resistance
Rth(j-c)
°C/W
4.0 max.
Between Junction and case
No.1,2,&3 show characteristics per one chip.


Similar Part No. - FMB-24L

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FMB-24L SANKEN-FMB-24L Datasheet
85Kb / 3P
   Schottky Barrier Diodes
More results

Similar Description - FMB-24L

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FMB-G14 SANKEN-FMB-G14 Datasheet
23Kb / 1P
   Schottky Barrier Diodes 40V
logo
Shindengen Electric Mfg...
D15FR4ST SHINDENGEN-D15FR4ST Datasheet
1Mb / 7P
   Schottky Barrier Diodes 40V, 15A
D20FR4ST SHINDENGEN-D20FR4ST Datasheet
1Mb / 7P
   Schottky Barrier Diodes 40V, 20A
logo
Sanken electric
SSB-14 SANKEN-SSB-14 Datasheet
34Kb / 2P
   Schottky Barrier Diodes (Surface Mount) 40V
CTB-24 SANKEN-CTB-24 Datasheet
32Kb / 2P
   Schottky Barrier Diodes (Center-tap) 40V
FME-24H SANKEN-FME-24H Datasheet
17Kb / 1P
   Schottky Barrier Diodes (Center tap) 40V
logo
AiT Semiconductor Inc.
BAS40 AITSEMI-BAS40 Datasheet
249Kb / 5P
   SCHOTTKY DIODES 120mA, 40V
REV1.1
SDM20U40 AITSEMI-SDM20U40 Datasheet
493Kb / 5P
   SCHOTTKY DIODES 2PIN 40V
REV1.0
logo
Sanken electric
SPJ-63S SANKEN-SPJ-63S Datasheet
25Kb / 1P
   Schottky Barrier Diodes (Power Surface Mount) 30V, 40V, 60V
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com