Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMB-G14 Datasheet(PDF) 1 Page - Sanken electric

Part # FMB-G14
Description  Schottky Barrier Diodes 40V
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FMB-G14 Datasheet(HTML) 1 Page - Sanken electric

  FMB-G14 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FMB-G14
10
20
30
60
50
40
0
1
5
50
10
20ms
Schottky Barrier Diodes 40V
Parameter
Type No.
Absolute Maximum Ratings
VRM
(V)
IF (AV)
(A)
IFSM
(A)
VF
(V)
IF
(A)
IF
/IRP
(mA)
VR =VRM
max
Rth ( j-c)
VR =VRM
Ta =100
°C max
IR
(mA)
IR (H)
(mA)
trr
(ns)
Tj
(
°C)
Tstg
(
°C)
max
Electrical Characteristics (Ta =25
°C)
(
°C/W)
(g)
Mass
Others
FMB-G14
3.0
5.0
40
10.0
60
150
0.55
3.0
5.0
10.0
5.00
10.00
100
65
100
100/100
–40 to +150
4.0
2.1
FMB-G14L
FMB-G24H
A
30
60
150
120
90
0
1
5
50
10
20ms
FMB-G14L
FMB-G24H
50
10
1
0.1
0.01
0.001
0
0.2
0.4
0.6
0.8
1.0
1.4
1.2
10
1
0.1
0.01
0.001
0
0.1
0.2
0.3
0.4
0.5
0.7
0.6
50
10
1
0.1
0.01
0.001
020
40
50
60
10
30
20
10
1
0.1
0.01
0.001
0
0.1
0.2
0.3
0.4
0.5
0.7
0.6
200
100
10
1
0.1
0.01
020
10
40
50
60
30
020
10
40
50
60
30
3.3
1.35
10.0
0.85
5.08
4.2
2.8
C0.5
2.4
0.45
200
100
10
1
0.1
0.01
10
20
30
60
50
40
0
1
5
50
10
20ms
80
0
90
100
130
1
2
3
4
5
120
t / T 1/6
=
t / T 1/ 3
=
t / T 1/2
=
D.C.
60
0
70
100
130
2
4
6
8
10
110
t / T 1/6
=
t / T 1/2
=
D.C.
110
80
0
130
1
2
3
110
120
100
90
Sinewave
t / T 1/ 3
=
Sinewave
50
80
90
120
t / T 1/6
=
t / T 1/ 3
=
t / T 1/2
=
D.C.
Sinewave
Ta 125ºC
=
60ºC
100ºC
27ºC
27ºC
100ºC
Ta 125ºC
=
60ºC
Ta 125ºC
=
60ºC
100ºC
27ºC
100ºC
Ta 125ºC
=
60ºC
27ºC
Ta 125ºC
=
60ºC
100ºC
27ºC
100ºC
Ta 125ºC
=
60ºC
27ºC
92
Fig.
50Hz
Half-cycle Sinewave
Single Shot
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Reverse Voltage
VR (V)
VR—IR Characteristics (Typical)
Case Temperature Tc
(
°C)
Tc —IF(AV) Derating
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Reverse Voltage
VR (V)
VR—IR Characteristics (Typical)
Case Temperature Tc
(
°C)
Tc —IF(AV) Derating
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Reverse Voltage
VR (V)
VR—IR Characteristics (Typical)
Case Temperature Tc
(
°C)
Tc —IF(AV) Derating
External Dimensions
(Unit: mm) (Full-mold)
Flammability:
UL94V-0 or Equivalent
A
Fig.
+0.2
–0.1


Similar Part No. - FMB-G14

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FMB-G14 SANKEN-FMB-G14 Datasheet
85Kb / 3P
   Schottky Barrier Diodes
FMB-G14L SANKEN-FMB-G14L Datasheet
85Kb / 3P
   Schottky Barrier Diodes
FMB-G14L SANKEN-FMB-G14L Datasheet
125Kb / 4P
   Silicon Schottky Barrier Diode
More results

Similar Description - FMB-G14

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FMB-24 SANKEN-FMB-24 Datasheet
62Kb / 2P
   Schottky Barrier Diodes 40V
logo
Shindengen Electric Mfg...
D15FR4ST SHINDENGEN-D15FR4ST Datasheet
1Mb / 7P
   Schottky Barrier Diodes 40V, 15A
D20FR4ST SHINDENGEN-D20FR4ST Datasheet
1Mb / 7P
   Schottky Barrier Diodes 40V, 20A
logo
Sanken electric
SSB-14 SANKEN-SSB-14 Datasheet
34Kb / 2P
   Schottky Barrier Diodes (Surface Mount) 40V
CTB-24 SANKEN-CTB-24 Datasheet
32Kb / 2P
   Schottky Barrier Diodes (Center-tap) 40V
FME-24H SANKEN-FME-24H Datasheet
17Kb / 1P
   Schottky Barrier Diodes (Center tap) 40V
logo
AiT Semiconductor Inc.
BAS40 AITSEMI-BAS40 Datasheet
249Kb / 5P
   SCHOTTKY DIODES 120mA, 40V
REV1.1
SDM20U40 AITSEMI-SDM20U40 Datasheet
493Kb / 5P
   SCHOTTKY DIODES 2PIN 40V
REV1.0
logo
Sanken electric
SPJ-63S SANKEN-SPJ-63S Datasheet
25Kb / 1P
   Schottky Barrier Diodes (Power Surface Mount) 30V, 40V, 60V
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com