Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMB-32 Datasheet(PDF) 1 Page - Sanken electric

Part # FMB-32
Description  Schottky Barrier Diodes 20V
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FMB-32 Datasheet(HTML) 1 Page - Sanken electric

  FMB-32 Datasheet HTML 1Page - Sanken electric FMB-32 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FMB-G12L
20
40
100
80
60
0
1
5
50
10
20ms
Schottky Barrier Diodes 20V
Parameter
Type No.
Absolute Maximum Ratings
VRM
(V)
IFSM
(A)
VF
(V)
IF
(A)
IF
/IRP
(mA)
Rth ( j-c)
IR
(mA)
IR (H)
(mA)
trr
(ns)
Tj
(
°C)
Tstg
(
°C)
Electrical Characteristics (Ta =25
°C)
(
°C/W)
(g)
Mass
Others
FMB-G12L
5.0
20
10.0
100
100
200
0.47
5.0
10.0
5.0
2.0
5.0
2.0
35
65
35
100
500/500
–40 to +150
4.0
2.1
FMB-G22H
FMB-22L
FMB-22H
15.0
20.0
30.0
150
200
300
7.5
10.0
10.0
3.0
5.0
10.0
50
65
100
2.0
5.5
FMB-32
FMB-32M
B
A
C
40
80
200
160
120
0
1
5
50
10
20ms
FMB-G22H
30
10
1
0.1
0.01
0.001
0
0.1
0.2
0.3
0.4
0.5
0.7
0.6
50
10
1
0.1
0.01
0.001
0
0.1
0.2
0.3
0.4
0.5
0.7
0.6
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
30
10
1
0.1
0.01
0.001
FMB-22L
20
40
80
60
100
0
1
5
50
10
20ms
Center-
tap
1 Chip
80
90
100
110
120
130
0
1.0
2.0
3.0
4.0
5.0
VR=20V
80
90
100
110
120
130
0
2.0
4.0
6.0
8.0
10.0
VR=20V
D.C.
t / T 1/6
=
t / T 1/ 3
=
t / T 1/2
=
Sinewave
Ta 125ºC
=
60ºC
100ºC
27ºC
50
10
1
0.1
0.01
0.005
010
25
30
35
515
20
100ºC
Ta 125ºC
=
60ºC
27ºC
Ta 125ºC
=
60ºC
100ºC
27ºC
200
100
10
1
0.1
0.01
010
25
30
35
515
20
100ºC
Ta 125ºC
=
60ºC
27ºC
80
90
100
110
120
130
0
2
4
6
8
10
VR=20V
D.C.
t / T 1/6
=
t / T 1/ 3
=
t / T 1/2
=
Sinewave
Ta 125ºC
=
60ºC
100ºC
27ºC
015
10
30
35
520
25
100ºC
Ta 125ºC
=
60ºC
27ºC
50
10
1
0.1
0.01
0.005
3.3
1.35
10.0
0.85
2.54
2.54
4.2
2.8
C0.5
2.4
0.45
9.0
15.0
3.3
3.4
2.3
1.0
5.45
5.45
5.0
0.65
2.6
3.3
1.35
10.0
0.85
5.08
4.2
2.8
C0.5
2.4
0.45
t / T 1/2
=
Sinewave
D.C.
t / T 1/ 3
=
t / T 1/6
=
VR=VRM, Ta=100
°C
VR =VRM
IF (AV) (A)
80
Fig.
Remarks
50Hz
Half-cycle Sinewave
Single Shot
max per element
max per element
max per
element
With
Heatsink
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Reverse Voltage
VR (V)
VR—IR Characteristics (Typical)
Case Temperature Tc
(
°C)
Tc —IF(AV) Derating
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Reverse Voltage
VR (V)
VR—IR Characteristics (Typical)
Case Temperature Tc
(
°C)
Tc —IF(AV) Derating
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Reverse Voltage
VR (V)
VR—IR Characteristics (Typical)
Case Temperature Tc
(
°C)
Tc —IF(AV) Derating
External Dimensions
(Unit: mm)
Flammability:
UL94V-0 or Equivalent
A
Fig.
B
Fig.
C
Fig.
+0.2
–0.1
+0.2
–0.1
+0.2
–0.1


Similar Part No. - FMB-32

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FMB-34 SANKEN-FMB-34 Datasheet
62Kb / 2P
   Schottky Barrier Diodes 40V
FMB-34 SANKEN-FMB-34 Datasheet
85Kb / 3P
   Schottky Barrier Diodes
FMB-34M SANKEN-FMB-34M Datasheet
62Kb / 2P
   Schottky Barrier Diodes 40V
FMB-34M SANKEN-FMB-34M Datasheet
85Kb / 3P
   Schottky Barrier Diodes
FMB-34S SANKEN-FMB-34S Datasheet
62Kb / 2P
   Schottky Barrier Diodes 40V
More results

Similar Description - FMB-32

ManufacturerPart #DatasheetDescription
logo
Sanken electric
EK02 SANKEN-EK02 Datasheet
19Kb / 1P
   Schottky Barrier Diodes 20V
SFPB-52 SANKEN-SFPB-52 Datasheet
22Kb / 1P
   Schottky Barrier Diodes (Surface Mount) 20V
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
KODENSHI_AUK CORP.
SDB320-1 KODENSHI-SDB320-1 Datasheet
234Kb / 5P
   20V, 3A SCHOTTKY BARRIER RECTIFIER
SDB320 KODENSHI-SDB320 Datasheet
234Kb / 5P
   20V, 3A SCHOTTKY BARRIER RECTIFIER
logo
SeCoS Halbleitertechnol...
SCS120V SECOS-SCS120V Datasheet
210Kb / 2P
   1.0Amp 20V Schottky Barrier Rectifiers
logo
KODENSHI_AUK CORP.
SDB120G KODENSHI-SDB120G Datasheet
247Kb / 5P
   20V, 1A SCHOTTKY BARRIER RECTIFIER
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
   Schottky Barrier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com