Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMB-32 Datasheet(PDF) 2 Page - Sanken electric

Part # FMB-32
Description  Schottky Barrier Diodes 20V
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FMB-32 Datasheet(HTML) 2 Page - Sanken electric

  FMB-32 Datasheet HTML 1Page - Sanken electric FMB-32 Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FMB-22H
60
240
180
120
300
0
1
5
50
10
20ms
FMB-32
FMB-32M
0
0.1
0.2
0.3
0.4
0.5
0.6
30
10
1
0.1
0.01
0.001
30
60
120
90
150
0
1
5
50
10
20ms
40
80
160
120
200
0
1
5
50
10
20ms
80
90
100
110
120
130
0
3
6
9
12
15
VR=20V
D.C.
t / T 1/6
=
t / T 1/ 3
=
t / T 1/2
=
Sinewave
80
90
100
110
120
130
0
4
8
12
16
20
VR=20V
40
60
80
100
120
140
0
10
15
20
25
30
VR=20V
Ta 125ºC
=
60ºC
100ºC
27ºC
015
10
30
35
520
25
100ºC
Ta 12ºC
=
60ºC
27ºC
200
10
100
1
0.1
0.01
0
0.1
0.2
0.3
0.4
0.5
0.7
0.6
50
10
1
0.1
0.01
0.001
015
10
30
35
520
25
200
10
100
1
0.1
0.01
D.C.
t / T 1/2
=
t / T 1/6
=
t / T 1/ 3
=
Sinewave
Ta 125ºC
=
60ºC
100ºC
27ºC
100ºC
Ta 125ºC
=
60ºC
27ºC
0
0.1
0.2
0.3
0.4
0.5
0.7
0.6
50
10
1
0.1
0.01
0.001
015
10
30
35
520
25
200
10
100
1
0.1
0.01
100ºC
Ta 125ºC
=
60ºC
27ºC
D.C.
t / T 1/2
=
t / T 1/6
=
t / T 1/ 3
=
Sinewave
Ta 125ºC
=
60ºC
100ºC
27ºC
81
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Reverse Voltage
VR (V)
VR —IR Characteristics (Typical)
Case Temperature Tc
(
°C)
Tc —IF(AV) Derating
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Reverse Voltage
VR (V)
VR —IR Characteristics (Typical)
Case Temperature Tc
(
°C)
Tc —IF(AV) Derating
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Reverse Voltage
VR (V)
VR —IR Characteristics (Typical)
Case Temperature
Tc
(
°C)
Tc —IF(AV) Derating


Similar Part No. - FMB-32

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FMB-34 SANKEN-FMB-34 Datasheet
62Kb / 2P
   Schottky Barrier Diodes 40V
FMB-34 SANKEN-FMB-34 Datasheet
85Kb / 3P
   Schottky Barrier Diodes
FMB-34M SANKEN-FMB-34M Datasheet
62Kb / 2P
   Schottky Barrier Diodes 40V
FMB-34M SANKEN-FMB-34M Datasheet
85Kb / 3P
   Schottky Barrier Diodes
FMB-34S SANKEN-FMB-34S Datasheet
62Kb / 2P
   Schottky Barrier Diodes 40V
More results

Similar Description - FMB-32

ManufacturerPart #DatasheetDescription
logo
Sanken electric
EK02 SANKEN-EK02 Datasheet
19Kb / 1P
   Schottky Barrier Diodes 20V
SFPB-52 SANKEN-SFPB-52 Datasheet
22Kb / 1P
   Schottky Barrier Diodes (Surface Mount) 20V
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
KODENSHI_AUK CORP.
SDB320-1 KODENSHI-SDB320-1 Datasheet
234Kb / 5P
   20V, 3A SCHOTTKY BARRIER RECTIFIER
SDB320 KODENSHI-SDB320 Datasheet
234Kb / 5P
   20V, 3A SCHOTTKY BARRIER RECTIFIER
logo
SeCoS Halbleitertechnol...
SCS120V SECOS-SCS120V Datasheet
210Kb / 2P
   1.0Amp 20V Schottky Barrier Rectifiers
logo
KODENSHI_AUK CORP.
SDB120G KODENSHI-SDB120G Datasheet
247Kb / 5P
   20V, 1A SCHOTTKY BARRIER RECTIFIER
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
   Schottky Barrier Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com