Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0751400017 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0751400017
Description  1.50mm (.059")/ 5.00mm(.197") Pitch Plateau HS Dock??Plug, Vertical, 108Circuits
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0751400017 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0751400017 Datasheet HTML 1Page - Molex Electronics Ltd. 0751400017 Datasheet HTML 2Page - Molex Electronics Ltd. 0751400017 Datasheet HTML 3Page - Molex Electronics Ltd. 0751400017 Datasheet HTML 4Page - Molex Electronics Ltd. 0751400017 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
This document was generated on 03/25/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0751400017
Status:
Active
Description:
1.50mm (.059")/ 5.00mm(.197") Pitch Plateau HS Dock™ Plug, Vertical, 108Circuits
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
PCB Headers
Series
75140
Application
Board-to-Board
Product Name
Plateau HS Dock™
Physical
Breakaway
No
Circuits (Loaded)
108
Circuits (maximum)
108
Color - Resin
Black, Natural, White
Durability (mating cycles max)
100
First Mate / Last Break
No
Glow-Wire Compliant
No
Guide to Mating Part
No
Lock to Mating Part
Yes
Material - Metal
Copper-Nickel-Silicon, High Performance Alloy (HPA)
Material - Plating Mating
Gold, Tin-Lead
Material - Plating Termination
Tin-Lead
Material - Resin
High Temperature Thermoplastic
Number of Rows
3
Orientation
Vertical
PC Tail Length (in)
0.111 In
PC Tail Length (mm)
2.82 mm
PCB Locator
Yes
PCB Retention
Yes
PCB Thickness Recommended (in)
0.070 In
PCB Thickness Recommended (mm)
1.80 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.059 In, 0.197 In
Pitch - Mating Interface (mm)
1.50 mm, 5.00 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.75
Plating min: Termination (µin)
30
Plating min: Termination (µm)
0.75
Polarized to Mating Part
Yes
Shrouded
Fully
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
-20°C to +85°C
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
1.5A
Voltage - Maximum
12V DC
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-75140-002
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
75140Series
Mates With
75019 Plateau HS Dock™ Receptacle Right
Angle


Similar Part No. - 0751400017

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0751.0052 SCHURTER-0751.0052 Datasheet
290Kb / 2P
   Clip, 5 x 20 mm, UR, Cover
0751.0052 SCHURTER-0751.0052 Datasheet
2Mb / 58P
   FUSEHOLDERS / SICHERUNGSHALTER
0751.0056 SCHURTER-0751.0056 Datasheet
393Kb / 2P
   Clip, 5 x 20 / 6.3 x 32 mm, UR
0751.0056 SCHURTER-0751.0056 Datasheet
2Mb / 58P
   FUSEHOLDERS / SICHERUNGSHALTER
0751.0056 SCHURTER-0751.0056 Datasheet
230Kb / 2P
   Clip, 5 x 20 / 6.3 x 32 mm, UR
15.09.2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com