Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMB-36M Datasheet(PDF) 1 Page - Sanken electric

Part # FMB-36M
Description  Schottky Barrier Diodes 60V
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FMB-36M Datasheet(HTML) 1 Page - Sanken electric

  FMB-36M Datasheet HTML 1Page - Sanken electric FMB-36M Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FMB-G16L
Schottky Barrier Diodes 60V
Parameter
Type No.
Absolute Maximum Ratings
VRM
(V)
IF (AV)
(A)
IFSM
(A)
VF
(V)
IF
(A)
IF
/IRP
(mA)
Rth ( j-c)
IR
(mA)
IR (H)
(mA)
trr
(ns)
Tj
(
°C)
Tstg
(
°C)
Electrical Characteristics (Ta =25
°C)
(
°C/W)
(g)
Mass
Others
FMB-G16L
6.0
4.0
60
10.0
50
40
50
0.62
5.0
2.0
5.0
5.0
1.0
2.5
50
20
50
100
100/100
–40 to +150
4.0
2.1
2.0
5.5
FMB-26
FMB-26L
FMB-36
FMB-36M
A
C
B
7.5
5.0
75
15.0
10.0
150
15.0
100
30.0
150
10
20
50
40
30
0
1
5
50
10
20ms
10
20
50
40
30
0
1
5
50
10
20ms
FMB-26
FMB-26L
50
10
1
0.1
0.01
0
0.2
0.4
0.6
0.8
1.0
1.4
1.2
020
10
40
50
80
60
70
30
50
10
1
0.1
0.005
0.01
10
20
30
40
0
1
5
50
10
20ms
0
80
90
100
130
1
2
3
4
5
120
0
70
150
130
2
4
6
8
10
110
110
60
0
80
140
1
2
3
5
4
6
120
100
50
90
3.3
1.35
10.0
0.85
2.54
2.54
4.2
2.8
C0.5
2.4
0.45
9.0
15.0
3.3
3.4
2.3
1.0
5.45
5.45
5.0
0.65
2.6
t / T 1/6
=
t / T 1/ 3
=
t / T 1/2
=
D.C.
Sinewave
50
10
1
0.1
0.01
0
0.2
0.4
0.6
0.8
1.0
1.4
1.2
50
10
1
0.1
0.01
0.001
020
40
50
80
70
60
10
30
Ta 125ºC
=
60ºC
100ºC
26ºC
25ºC
100ºC
Ta 125ºC
=
60ºC
t / T 1/6
=
t / T 1/ 3
=
t / T 1/2
=
D.C.
Sinewave
t / T 1/6
=
t / T 1/2
=
D.C.
t / T 1/ 3
=
Sinewave
Ta 125ºC
=
60ºC
100ºC
26ºC
100ºC
Ta 125ºC
=
60ºC
25ºC
50
10
1
0.1
0.01
0
0.2
0.4
0.6
0.8
1.0
1.4
1.2
020
10
40
50
80
60
70
30
50
10
1
0.1
0.005
0.01
Ta 125ºC
=
60ºC
100ºC
26ºC
100ºC
Ta 125ºC
=
60ºC
25ºC
VR=60V
VR=60V
VR=60V
VR=VRM, Ta=100
°C
VR =VRM
3.3
1.35
10.0
0.85
5.08
4.2
2.8
C 0.5
2.4
0.45
102
Fig.
50Hz
Half-cycle Sinewave
Single Shot
max per element
max per element
max per
element
Center-tap
1 Chip
Remarks
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Reverse Voltage
VR (V)
VR—IR Characteristics (Typical)
Case Temperature Tc
(
°C)
Tc —IF(AV) Derating
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Reverse Voltage
VR (V)
VR—IR Characteristics (Typical)
Case Temperature Tc
(
°C)
Tc —IF(AV) Derating
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Reverse Voltage
VR (V)
VR—IR Characteristics (Typical)
Case Temperature Tc
(
°C)
Tc —IF(AV) Derating
External Dimensions
(Unit: mm) (Full-mold)
Flammability:
UL94V-0 or Equivalent
A
Fig.
B
Fig.
C
Fig.
+0.2
–0.1
+0.2
–0.1
+0.2
–0.1


Similar Part No. - FMB-36M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
FMB-36M SANKEN-FMB-36M Datasheet
92Kb / 2P
   Schottky Barrier Diodes
More results

Similar Description - FMB-36M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AK06 ETC-AK06 Datasheet
44Kb / 2P
   Schottky Barrier Diodes 60V
logo
Sanken electric
AK06 SANKEN-AK06 Datasheet
44Kb / 2P
   Schottky Barrier Diodes 60V
logo
Shindengen Electric Mfg...
D1FS6A SHINDENGEN-D1FS6A Datasheet
1Mb / 7P
   Schottky Barrier Diodes 60V, 2.5A
D10FY6ST SHINDENGEN-D10FY6ST Datasheet
1Mb / 8P
   Schottky Barrier Diodes 60V, 10A
D15FY6SY SHINDENGEN-D15FY6SY Datasheet
1Mb / 7P
   Schottky Barrier Diodes 60V, 15A
D5FY6ST SHINDENGEN-D5FY6ST Datasheet
1Mb / 7P
   Schottky Barrier Diodes 60V, 5A
D5FY6SY SHINDENGEN-D5FY6SY Datasheet
1Mb / 7P
   Schottky Barrier Diodes 60V, 5A
D10FY6SY SHINDENGEN-D10FY6SY Datasheet
1Mb / 7P
   Schottky Barrier Diodes 60V, 10A
D15FY6ST SHINDENGEN-D15FY6ST Datasheet
1Mb / 7P
   Schottky Barrier Diodes 60V, 15A
logo
Sanken electric
SFPB-56 SANKEN-SFPB-56 Datasheet
37Kb / 2P
   Schottky Barrier Diodes (Surface Mount) 60V, 90V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com