Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMB-39M Datasheet(PDF) 1 Page - Sanken electric

Part # FMB-39M
Description  Schottky Barrier Diodes 90V
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FMB-39M Datasheet(HTML) 1 Page - Sanken electric

  FMB-39M Datasheet HTML 1Page - Sanken electric FMB-39M Datasheet HTML 2Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FMB-G19L
Schottky Barrier Diodes 90V
Parameter
Type No.
Absolute Maximum Ratings
VRM
(V)
IF (AV)
(A)
IFSM
(A)
VF
(V)
IF
(A)
IF
/IRP
(mA)
Rth ( j-c)
IR
(mA)
IR (H)
(mA)
trr
(ns)
Tj
(
°C)
Tstg
(
°C)
Electrical Characteristics (Ta =25
°C)
(
°C/W)
(g)
Mass
Others
FMB-G19L
4.0
90
8.0
60
50
60
0.81
4.0
2.0
4.0
5.0
3.0
5.0
35
1 Chip
15
35
100 100/100
–40 to +150
4.0
2.1
2.0
5.5
FMB-29
FMB-29L
FMB-39
FMB-39M
A
C
B
7.5
10.0
50
10.0
15.0
60
15.0
20.0
150
10
20
50
40
30
0
1
5
50
10
20ms
FMB-29
FMB-29L
50
10
1
0.1
0.01
0
0.5
1.0
1.5
50
10
1
0.1
0.01
0.001
020
40
100
80
60
50
10
1
0.1
0.01
0
20
40
100
80
60
50
10
1
0.1
0.001
0.01
10
20
30
40
60
50
0
1
5
50
10
20ms
80
0
90
130
1
2
3
4
120
100
110
t / T 1/6
=
t / T 1/ 3
=
t / T 1/2
=
D.C.
Sinewave
Ta 125ºC
=
60ºC
100ºC
27ºC
25ºC
100ºC
Ta 125ºC
=
60ºC
50
10
1
0.1
0.01
0
0.5
1.0
1.5
0
0.5
1.0
1.5
10
1
0.1
0.01
0.001
0
20
40
100
80
60
Ta 125ºC
=
60ºC
100ºC
26ºC
25ºC
100ºC
Ta 125ºC
=
60ºC
Ta 125ºC
=
60ºC
100ºC
26ºC
100ºC
Ta 125ºC
=
60ºC
25ºC
VR=90V
10
20
30
40
60
50
0
1
5
50
10
20ms
0
60
70
120
130
2
4
6
8
90
80
100
110
t / T 1/ 3
=
t / T 1/2
=
D.C.
t / T 1/6
=
Sinewave
t / T 1/ 3
=
t / T 1/2
=
D.C.
t / T 1/6
=
Sinewave
0
80
110
130
1
2
3
4
120
90
100
106
3.3
1.35
10.0
0.85
2.54
2.54
4.2
2.8
C0.5
2.4
0.45
9.0
15.0
3.3
3.4
2.3
1.0
5.45
5.45
5.0
0.65
2.6
3.3
1.35
10.0
0.85
5.08
4.2
2.8
C 0.5
2.4
0.45
VR=VRM, Ta=100
°C
VR =VRM
50Hz
Half-cycle Sinewave
Single Shot
Fig.
Center-tap
Remarks
max per element
max per element
max per
element
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Reverse Voltage
VR (V)
VR—IR Characteristics (Typical)
Case Temperature Tc
(
°C)
Tc —IF(AV) Derating
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Reverse Voltage
VR (V)
VR—IR Characteristics (Typical)
Case Temperature
Tc
(
°C)
Tc —IF(AV) Derating
Forward Voltage VF (V)
VF—IF Characteristics (Typical)
Overcurrent Cycles
IFMS Rating
Reverse Voltage
VR (V)
VR—IR Characteristics (Typical)
Case Temperature
Tc
(
°C)
Tc —IF(AV) Derating
External Dimensions
(Unit: mm) (Full-mold)
Flammability:
UL94V-0 or Equivalent
A
Fig.
B
Fig.
C
Fig.
+0.2
–0.1
+0.2
–0.1
+0.2
–0.1


Similar Part No. - FMB-39M

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FMB-39 ISC-FMB-39 Datasheet
291Kb / 2P
   Schottky Barrier Rectifier
More results

Similar Description - FMB-39M

ManufacturerPart #DatasheetDescription
logo
Sanken electric
AK09 SANKEN-AK09 Datasheet
43Kb / 2P
   Schottky Barrier Diodes 90V
logo
List of Unclassifed Man...
EK19 ETC1-EK19 Datasheet
43Kb / 2P
   Schottky Barrier Diodes 90V
logo
Sanken electric
SFPB-56 SANKEN-SFPB-56 Datasheet
37Kb / 2P
   Schottky Barrier Diodes (Surface Mount) 60V, 90V
logo
Sanyo Semicon Device
SB0509V SANYO-SB0509V Datasheet
33Kb / 3P
   Schottky Barrier Diode 90V, 0.5A Rectifier
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
   SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
   Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
   Schottky Barrier Diodes
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
   SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
   Schottky Barrier Diodes
October, 2005 ??Rev. 1
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com