Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0754650204 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0754650204
Description  1.85mm by 1.85mm (.073" by .073") Pitch 4 Pair GbX짰 Backplane L-Series Connector System, Open Header, 275 Circuits
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0754650204 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0754650204 Datasheet HTML 1Page - Molex Electronics Ltd. 0754650204 Datasheet HTML 2Page - Molex Electronics Ltd. 0754650204 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0754650204
Status:
Active
Overview:
gbx_backplane_connector_system
Description:
1.85mm by 1.85mm (.073" by .073") Pitch 4 Pair GbX® Backplane L-Series Connector
System, Open Header, 275 Circuits, Gold (Au) 0.76µm (30µ"), Pin Length 4.55mm
(.179")
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-75221-999 (PDF)
Agency Certification
UL
E29179
General
Product Family
Backplane Connectors
Series
75465
Application
Backplane
Application Tooling Documents
<a href="http://www.molex.com/pdm_docs/ats/
TM-622022099.pdf">Tooling Manual</a>
Comments
Open Header
Component Type
PCB Header
Overview
gbx_backplane_connector_system
Product Name
GbX®
Style
N/A
Physical
Circuits (Loaded)
275
Circuits (maximum)
275
Color - Resin
Gray (Dark)
Durability (mating cycles max)
200
First Mate / Last Break
No
Flammability
94V-0
Guide to Mating Part
No
Keying to Mating Part
None
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin-Lead
Material - Resin
High Temperature Thermoplastic
Number of Columns
25
Number of Pairs
4
Number of Rows
11
Orientation
Vertical
PC Tail Length (in)
0.091 In
PC Tail Length (mm)
2.30 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.063 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tray
Pitch - Mating Interface (in)
0.073 In
Pitch - Mating Interface (mm)
1.85 mm
Pitch - Term. Interface (in)
0.073 In
Pitch - Term. Interface (mm)
1.85 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.76
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
75465Series
Mates With
GbX® Daughtercards 75420 , 75426


Similar Part No. - 0754650204

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0754650103 MOLEX9-0754650103 Datasheet
244Kb / 3P
   1.85mm by 1.85mm (.073" by .073") Pitch 4 Pair GbX짰 Backplane L-Series ConnectorSystem, Open Header, 110 Circuits, Gold (Au) 0.76關m (30關"), Pin Length 3.55mm(.140")
0754650104 MOLEX9-0754650104 Datasheet
244Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 4 Pair GbX짰 Backplane L-Series Connector System, Open Header, 110 Circuits, Gold (Au) 0.76關m (30關)
0754650105 MOLEX9-0754650105 Datasheet
244Kb / 3P
   1.85mm by 1.85mm (.073" by .073") Pitch 4 Pair GbX Backplane L-Series Connector System
0754650503 MOLEX9-0754650503 Datasheet
244Kb / 3P
   1.85mm by 1.85mm (.073" by .073") Pitch 4 Pair GbX Backplane L-Series Connector System
0754650504 MOLEX9-0754650504 Datasheet
244Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 4 Pair GbX짰 Backplane L-Series Connector System, Open Header, 55 Circuits, Gold (Au) 0.76關m (30關)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com