Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMM-34S Datasheet(PDF) 1 Page - Sanken electric

Part # FMM-34S
Description  Rectifier Diodes
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

FMM-34S Datasheet(HTML) 1 Page - Sanken electric

  FMM-34S Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0
1
5
50
10
20ms
10
100
20
30
40
50
60
70
80
90
0
1
5
50
10
20ms
10
100
20
30
40
50
60
70
80
90
110
120
75
10
0
2
4
6
8
90
105
120
135
150
t / T 1/6
=
t / T 1/ 3, Sinewave
=
t / T 1/2
=
D.C.
100
0
110
120
130
140
150
4
8
12
16
20
t / T 1/6
=
t / T 1/ 3,
Sinewave
=
t / T 1/2
=
D.C.
04
26
8
10
0
3
6
9
12
15
D.C.
T
t
Tj 150
°C
=
t / T 1/6
=
t / T 1/ 3, Sinewave
=
t / T 1/2
=
5
0
10
15
20
25
0
4
8
12
16
20
D.C.
t / T 1/6
=
t / T 1/ 3,
Sinewave
=
t / T 1/2
=
T
t
Tj 150
°C
=
3.3
1.35
10.0
0.85
2.54
2.54
4.2
2.8
C 0.5
2.4
9.0
15.0
3.3
3.4
2.3
1.0
5.45
5.45
5.0
0.65
2.6
S type
R type
S type
R type
0.45
FMM-2 series
FMM-3 series
Rectifier Diodes
Parameter
Type No.
Absolute Maximum Ratings
VRM
(V)
IFSM
(A)
VF
(V)
IF
(A)
VR =VRM
max
Rth (j-c)
VR =VRM
Ta =100
°C max
IR
(
µA)
IR (H)
(
µA)
Tj
(
°C)
Tstg
(
°C)
max
Electrical Characteristics (Ta =25
°C)
(
°C/W)
(g)
Mass
Others
FMM-22S, R
FMM-24S, R
FMM-26S, R
400
600
200
200
10
5.0
10
4.0
2.1
100
100
1.1
–40 to +150
A
FMM-32S, R
100
FMM-31S, R
FMM-34S, R
400
FMM-36S, R
600
20
10.0
10
2.0
5.5
120
100
1.1
B
17
IF (AV) (A)
Fig.
50Hz
Half-cycle Sinewave
Single Shot
With Heatsink
Average Forward Current
IF (AV) (A)
IF(AV)—Pf Characteristics
Case Temperature Tc
(
°C)
Tc —IF(AV) Derating
Overcurrent Cycles
IFMS Rating
Average Forward Current
IF (AV) (A)
IF(AV)—Pf Characteristics
Case Temperature Tc
(
°C)
Tc —IF(AV) Derating
Overcurrent Cycles
IFMS Rating
External Dimensions
(Unit: mm)
Flammability:
UL94V-0 or Equivalent
A
Fig.
B
Fig.
+0.2
–0.1
+0.2
–0.1


Similar Part No. - FMM-34S

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FMM1061VJ EUDYNA-FMM1061VJ Datasheet
107Kb / 4P
   GaAs MMIC
FMM1062ML EUDYNA-FMM1062ML Datasheet
219Kb / 4P
   GaAs MMIC
FMM106HG EUDYNA-FMM106HG Datasheet
198Kb / 3P
   GaAs MMIC
logo
IXYS Corporation
FMM110-015X2F IXYS-FMM110-015X2F Datasheet
181Kb / 6P
   TrenchT2 HiperFET N-Channel Power MOSFET
logo
List of Unclassifed Man...
FMM1103VJ ETC1-FMM1103VJ Datasheet
239Kb / 4P
   The FMM1103VJ is a GaAs Microwave Static Frequency Divider designed for dividing an input signal by 8 over a frequency range from 2.0 to 12.0 GHz
More results

Similar Description - FMM-34S

ManufacturerPart #DatasheetDescription
logo
Rohm
RR274EA-400 ROHM-RR274EA-400 Datasheet
193Kb / 4P
   Rectifier diodes
logo
NXP Semiconductors
BYX96 PHILIPS-BYX96 Datasheet
252Kb / 6P
   RECTIFIER DIODES
November 1975
logo
Panasonic Semiconductor
MA2J114 PANASONIC-MA2J114 Datasheet
40Kb / 2P
   Rectifier Diodes
logo
Rohm
RR274EA-400 ROHM-RR274EA-400_11 Datasheet
1,022Kb / 4P
   Rectifier diodes
logo
Shenzhen Taychipst Elec...
RM10Z TAYCHIPST-RM10Z Datasheet
832Kb / 1P
   Rectifier Diodes
logo
Sanken electric
RM11B SANKEN-RM11B Datasheet
68Kb / 2P
   Rectifier Diodes
logo
Guangdong Kexin Industr...
1A1 KEXIN-1A1 Datasheet
866Kb / 2P
   Rectifier Diodes
DB201GS KEXIN-DB201GS Datasheet
1,005Kb / 2P
   Rectifier Diodes
SM520 KEXIN-SM520 Datasheet
709Kb / 2P
   Rectifier Diodes
TS6B01G KEXIN-TS6B01G Datasheet
688Kb / 2P
   Rectifier Diodes
US3A KEXIN-US3A Datasheet
607Kb / 2P
   Rectifier Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com