Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0752341508 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0752341508
Description  GbX 2-Pair Free Backplane Free Standing Guide Pin Kit
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0752341508 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0752341508 Datasheet HTML 1Page - Molex Electronics Ltd. 0752341508 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0752341508
Status:
Active
Overview:
gbx_backplane_connector_system
Description:
GbX 2-Pair Free Backplane Free Standing Guide Pin Kit
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Backplane Connectors
Series
75234
Application
Backplane, Midplane
Application Tooling Documents
<a href="http://www.molex.com/pdm_docs/ats/
TM-622022099.pdf">Tooling Manual</a>
Comments
Use with PCB Thickness of 1.60mm to 5.00mm
Component Type
Guide
More Detailed Tech Information
I-Trac@molex.com
Overview
gbx_backplane_connector_system
Product Name
GbX®
Style
N/A
Physical
Circuits (Loaded)
N/A
Durability (mating cycles max)
200
First Mate / Last Break
No
Guide to Mating Part
No
Keying to Mating Part
N/A
Material - Metal
Stainless Steel
Number of Columns
N/A
Number of Pairs
N/A
Number of Rows
0
Orientation
N/A
PCB Retention
Yes
Packaging Type
Bag
Pitch - Mating Interface (in)
0.000 In
Pitch - Mating Interface (mm)
0.00 mm
Polarized to PCB
N/A
Surface Mount Compatible (SMC)
N/A
Temperature Range - Operating
N/A
Electrical
Current - Maximum per Contact
N/A
Data Rate
N/A
Shield Type
N/A
Voltage - Maximum
N/A
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-75234-120
GbX is a registered trademark of Amphenol Corporation.
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
75234Series
This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0752341508

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0752341469 MOLEX9-0752341469 Datasheet
244Kb / 2P
   Backplane Free Standing Guide Pin Use with 1.6mm-5.0mm PC Board Thickness
0752341470 MOLEX9-0752341470 Datasheet
225Kb / 2P
   Backplane Wide Guide Pin Free Standing Use with 1.6mm-5.0mm PC Board Thickness
0752341478 MOLEX11-0752341478 Datasheet
98Kb / 1P
   STAND ALONE GUIDE PIN KIT FOR PIRATE CANNON
More results

Similar Description - 0752341508

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0752342508 MOLEX9-0752342508 Datasheet
200Kb / 2P
   GbX 2-Pair Free Backplane Free Standing Guide Pin Kit
0752340478 MOLEX11-0752340478 Datasheet
27Kb / 2P
   GbX I-Trac Backplane Free Standing Wide Guide Pin
0740760001 MOLEX8-0740760001 Datasheet
214Kb / 3P
   VHDM-HSD??Free-Standing Guide Pin
0740760006 MOLEX8-0740760006 Datasheet
214Kb / 3P
   VHDM-HSD??Free-Standing Guide Pin
0740760002 MOLEX8-0740760002 Datasheet
214Kb / 3P
   VHDM-HSD??Free-Standing Guide Pin
0740760005 MOLEX8-0740760005 Datasheet
214Kb / 3P
   VHDM-HSD??Free-Standing Guide Pin
0752341469 MOLEX9-0752341469 Datasheet
244Kb / 2P
   Backplane Free Standing Guide Pin Use with 1.6mm-5.0mm PC Board Thickness
0752341470 MOLEX9-0752341470 Datasheet
225Kb / 2P
   Backplane Wide Guide Pin Free Standing Use with 1.6mm-5.0mm PC Board Thickness
logo
Nova Electric. All Righ...
NC11 NOVA-NC11 Datasheet
1Mb / 4P
   FREE STANDING TRUE-ON-LINE UPS
logo
Amphenol Corporation
942-4000-00A AMPHENOL-942-4000-00A Datasheet
566Kb / 3P
   STANDALONE, GUIDE PIN, 3.68 mm xCede 3,4,5,6, PAIR BACKPLANE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com