Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0754334104 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0754334104
Description  1.85mm by 1.85mm (.073 by .073") Pitch 3-Pair GbX짰 Backplane Connector SystemRight Guide Header, 60 Circuits, Gold (Au) 0.76關m (30關"), Pin Length 4.55mm (.179")
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0754334104 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0754334104 Datasheet HTML 1Page - Molex Electronics Ltd. 0754334104 Datasheet HTML 2Page - Molex Electronics Ltd. 0754334104 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0754334104
Status:
Active
Overview:
gbx_backplane_connector_system
Description:
1.85mm by 1.85mm (.073 by .073") Pitch 3-Pair GbX® Backplane Connector System,
Right Guide Header, 60 Circuits, Gold (Au) 0.76µm (30µ"), Pin Length 4.55mm (.179")
Documents:
Packaging Specification (PDF)
Product Specification PS-75221-999 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
UL
E29179
General
Product Family
Backplane Connectors
Series
75433
Application
Backplane
Application Tooling Documents
<a href="http://www.molex.com/pdm_docs/ats/
TM-622022099.pdf">Tooling Manual</a>
Comments
Right Guide Header, No Keying Position
Component Type
PCB Header
Overview
gbx_backplane_connector_system
Product Name
GbX®
Style
N/A
Physical
Circuits (Loaded)
60
Circuits (maximum)
60
Color - Resin
Black
Durability (mating cycles max)
200
First Mate / Last Break
No
Flammability
94V-0
Guide to Mating Part
Yes
Keying to Mating Part
None
Material - Metal
High Performance Alloy (HPA), Stainless Steel
Material - Plating Mating
Gold
Material - Plating Termination
Tin-Lead
Material - Resin
High Temperature Thermoplastic
Number of Columns
10
Number of Pairs
3
Number of Rows
6
Orientation
Vertical
PC Tail Length (in)
0.087 In
PC Tail Length (mm)
2.20 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.063 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.073 In
Pitch - Mating Interface (mm)
1.85 mm
Pitch - Term. Interface (in)
0.073 In
Pitch - Term. Interface (mm)
1.85 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
30
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Contains SVHC: No
Halogen-Free
Status
Halogen-Free
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
75433Series
Mates With
75370 GbX® Daughtercards
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
GbX® Single Pin
Repair Tool
0622022090
GbX® Shield
Removal Tool
0622022100
GbX® 3 Pair by 10
Wide Differential
Insertion Tool
0622022510


Similar Part No. - 0754334104

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0754334103 MOLEX9-0754334103 Datasheet
249Kb / 3P
   1.85mm by 1.85mm (.073 by .073") Pitch 3-Pair GbX Backplane Connector System, Right Guide Header
0754334105 MOLEX9-0754334105 Datasheet
250Kb / 3P
   1.85mm by 1.85mm (.073 by .073") Pitch 3-Pair GbX짰 Backplane Connector SystemRight Guide Header, 60 Circuits, Gold (Au) 0.76關m (30關"), Pin Length 5.55mm (.219")
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com