Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0756470104 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0756470104
Description  1.85mm by 1.85mm (.073 by .073) Pitch 2-Pair GbX짰 Backplane Electrically Enhanced Connector System, Open Header, 100 Circuits, Pin Length 4.55mm (.179)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0756470104 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0756470104 Datasheet HTML 1Page - Molex Electronics Ltd. 0756470104 Datasheet HTML 2Page - Molex Electronics Ltd. 0756470104 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0756470104
Status:
Active
Overview:
gbx_backplane_connector_system
Description:
1.85mm by 1.85mm (.073" by .073") Pitch 2-Pair GbX® Backplane Electrically
Enhanced Connector System, Open Header, 100 Circuits, Pin Length 4.55mm (.179")
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-75221-999 (PDF)
General
Product Family
Backplane Connectors
Series
75647
Application
Backplane
Application Tooling Documents
<a href="http://www.molex.com/pdm_docs/ats/
TM-622022099.pdf">Tooling Manual</a>
Component Type
PCB Header
Overview
gbx_backplane_connector_system
Product Name
GbX®
Style
N/A
Physical
Circuits (Loaded)
40
Circuits (maximum)
40
Color - Resin
Gray (Dark), Red
Durability (mating cycles max)
200
First Mate / Last Break
No
Guide to Mating Part
No
Keying to Mating Part
None
Material - Metal
High Performance Alloy (HPA)
Material - Plating Mating
Gold
Material - Plating Termination
Tin-Lead
Material - Resin
High Temperature Thermoplastic
Number of Columns
10
Number of Pairs
2
Number of Rows
4
Orientation
Vertical
PC Tail Length (in)
0.091 In
PC Tail Length (mm)
2.30 mm
PCB Locator
No
PCB Retention
Yes
PCB Thickness Recommended (in)
0.063 In
PCB Thickness Recommended (mm)
1.60 mm
Packaging Type
Tube
Pitch - Mating Interface (in)
0.073 In
Pitch - Mating Interface (mm)
1.85 mm
Pitch - Term. Interface (in)
0.073 In
Pitch - Term. Interface (mm)
1.85 mm
Plating min: Mating (µin)
30
Plating min: Mating (µm)
0.76
Plating min: Termination (µin)
30
Plating min: Termination (µm)
0.76
Polarized to PCB
No
Stackable
No
Surface Mount Compatible (SMC)
Yes
Temperature Range - Operating
105°C
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant by
Exemption
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
75647Series
Mates With
75650 GbX® Daughtercard


Similar Part No. - 0756470104

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0756470204 MOLEX9-0756470204 Datasheet
200Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 2-Pair GbX짰 Backplane Electrically Enhanced Connector System, Open Header, 125 Circuits, Pin Length 4.55mm (.179)
More results

Similar Description - 0756470104

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0756470204 MOLEX9-0756470204 Datasheet
200Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 2-Pair GbX짰 Backplane Electrically Enhanced Connector System, Open Header, 125 Circuits, Pin Length 4.55mm (.179)
0756474104 MOLEX9-0756474104 Datasheet
225Kb / 3P
   1.85mm by 1.85mm (.073" by .073") Pitch 2-Pair GbX짰 Backplane ElectricallyEnhanced Connector System, Right Guide Header, 100 Circuits, Pin Length 4.55mm(.179")
0758360104 MOLEX9-0758360104 Datasheet
220Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 3-Pair GbX짰 Backplane Connector System, Open Header, 60 Circuits, Lead Free, Pin Length 4.55mm (.179)
0758360504 MOLEX9-0758360504 Datasheet
220Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 3-Pair GbX짰 Backplane Connector System, Open Header, 30 Circuits, Lead Free, Pin Length 4.55mm (.179)
0758580104 MOLEX9-0758580104 Datasheet
231Kb / 3P
   1.85mm by 1.85mm (.073 by .073") Pitch 4-Pair GbX짰 Backplane Connector System,Open Header, 80 Circuits, Lead Free, Pin Length 4.55mm (.179")
0758324204 MOLEX9-0758324204 Datasheet
220Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 2-Pair GbX짰 Backplane Connector System, Right Guide Header, 100 Circuits, Pin Length 4.55mm (.179), Lead Free
0756472104 MOLEX9-0756472104 Datasheet
200Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 2-Pair GbX짰 Backplane Electrically Enhanced Connector System, Left Guide Header, 100 Circuits
0758360204 MOLEX9-0758360204 Datasheet
220Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 3-Pair GbX짰 Backplane Connector System, Open Header, 60 Circuits, Lead Free, Pin Length 4.55mm (.179)
0758324104 MOLEX9-0758324104 Datasheet
220Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 2-Pair GbX짰 Backplane Connector System, Right Guide Header, 100 Circuits, Pin Length 4.55mm (.179), Lead Free
0758342105 MOLEX9-0758342105 Datasheet
204Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 2-Pair GbX짰 Electrically Enhanced Backplane Connector System, Left Guide Header, 100 Circuits
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com