Electronic Components Datasheet Search |
|
0753417767 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
0753417767 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
1 / 6 page This document was generated on 05/14/2010 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 0753417767 Status: Active Overview: gbx_backplane_connector_system Description: 1.85mm by 1.85mm (.073 by .073") Pitch 4-Pair GbX® Backplane Connector System, Power Module, 12 Circuits, 1.27µm (50µ") Gold (Au) Documents: Drawing (PDF) RoHS Certificate of Compliance (PDF) Product Specification PS-75221-999 (PDF) Agency Certification UL E29179 General Product Family Backplane Connectors Series 75341 Application Backplane Application Tooling Documents <a href="http://www.molex.com/pdm_docs/ats/ TM-622022099.pdf">Tooling Manual</a> Comments Blade Length A 7.50mm, B 7.50mm, C 6.00mm, D 7.50mm Component Type Power Header Overview gbx_backplane_connector_system Product Name GbX® Style N/A Physical Circuits (Loaded) 8 Circuits (maximum) 8 Circuits Detail Rows A, B, C, & D Color - Resin Gray Durability (mating cycles max) 200 First Mate / Last Break Yes Flammability 94V-0 Guide to Mating Part No Keying to Mating Part None Material - Plating Mating Gold Material - Plating Termination Tin-Lead Material - Resin High Temperature Thermoplastic Number of Columns N/A Number of Pairs 4 Number of Rows 4 Orientation Vertical PC Tail Length (in) 0.089 In PC Tail Length (mm) 2.28 mm PCB Locator Yes PCB Retention Yes PCB Thickness Recommended (in) 0.063 In PCB Thickness Recommended (mm) 1.60 mm Packaging Type Tube Pitch - Mating Interface (in) 0.073 In Pitch - Mating Interface (mm) 1.85 mm Pitch - Term. Interface (in) 0.102 In Pitch - Term. Interface (mm) 2.60 mm Plating min: Mating (µin) 50 Plating min: Mating (µm) 1.25 Series image - Reference only EU RoHS China RoHS RoHS Compliant by Exemption REACH SVHC Not Reviewed Halogen-Free Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 75341Series Mates With 75292 GbX® Daughtercard Application Tooling | FAQ Tooling specifications and manuals are found by selecting the products below. Crimp Height Specifications are then contained in the Application Tooling Specification document. Global Description Product # Insertion Module, GbX® 4 pair 1- Up Power Module 0622022005 GbX® Single Pin Repair Tool 0622022090 GbX® Shield Removal Tool 0622022100 |
Similar Part No. - 0753417767 |
|
Similar Description - 0753417767 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |