Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0797580012 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0797580012
Description  Micro-Fit Female (Au) 20 AWG,UL1061,300MM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0797580012 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0797580012 Datasheet HTML 1Page - Molex Electronics Ltd. 0797580012 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 0797580012

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0797580012 MOLEX1-0797580012 Datasheet
42Kb / 1P
   Pre-Crimped Lead Micro-Fit 3.0 Female-to-Micro-Fit 3.0 Female Gold Plated, 300mm,20 AWG
0797580012 MOLEX1-0797580012_18 Datasheet
42Kb / 1P
   Pre-Crimped Lead Micro-Fit 3.0 Female-to-Micro-Fit 3.0 Female Gold Plated, 300mm,20 AWG
More results

Similar Description - 0797580012

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0797580010 MOLEX9-0797580010 Datasheet
157Kb / 2P
   Micro-Fit Female (Sn) 20 AWG,UL1061,300MM
0797580004 MOLEX9-0797580004 Datasheet
157Kb / 2P
   Micro-Fit Female (Au) 20 AWG,UL1061,150MM
0797580009 MOLEX9-0797580009 Datasheet
157Kb / 2P
   Mini-Fit??Female (Sn) 18 AWG,UL1061,300MM
0797580002 MOLEX9-0797580002 Datasheet
157Kb / 2P
   Micro-Fit Female (Sn) 20 AWG,UL1061,150MM
0797580011 MOLEX9-0797580011 Datasheet
157Kb / 2P
   SL Female (Sn) 22 AWG,UL1061,300MM
0797580004 MOLEX1-0797580004_18 Datasheet
42Kb / 1P
   Pre-Crimped Lead Micro-Fit 3.0 Female-to-Micro-Fit 3.0 Female Gold Plated, 150mm, 20 AWG
0797580012 MOLEX1-0797580012_18 Datasheet
42Kb / 1P
   Pre-Crimped Lead Micro-Fit 3.0 Female-to-Micro-Fit 3.0 Female Gold Plated, 300mm,20 AWG
0797580002 MOLEX1-0797580002_18 Datasheet
42Kb / 1P
   Pre-Crimped Lead Micro-Fit 3.0 Female-to-Micro-Fit 3.0 Female Tin Plated, 150mm, 20 AWG
0797580013 MOLEX9-0797580013 Datasheet
157Kb / 2P
   Mini-Fit??Male Tin (Sn) 18 AWG,UL1061,300MM
0797580016 MOLEX9-0797580016 Datasheet
156Kb / 2P
   Pico-SPOX Female (Sn) 24 AWG,UL1061,300MM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com