Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0876391001 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 0876391001
Description  1.27mm (.050) Pitch DDR DIMM Socket, Reverse Footprint, 25째 Angle, Low Profile, Single Key, with Beveled Metal Pins and Plastic Pegs, 2.79mm (.110) Tail Length
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0876391001 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  0876391001 Datasheet HTML 1Page - Molex Electronics Ltd. 0876391001 Datasheet HTML 2Page - Molex Electronics Ltd. 0876391001 Datasheet HTML 3Page - Molex Electronics Ltd. 0876391001 Datasheet HTML 4Page - Molex Electronics Ltd. 0876391001 Datasheet HTML 5Page - Molex Electronics Ltd. 0876391001 Datasheet HTML 6Page - Molex Electronics Ltd. 0876391001 Datasheet HTML 7Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image


Similar Part No. - 0876391001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0876391001 MOLEX11-0876391001 Datasheet
30Kb / 2P
   1.27mm Pitch DDR DIMM Socket, Reverse Footprint, 25 Angle,
More results

Similar Description - 0876391001

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0876391100 MOLEX9-0876391100 Datasheet
347Kb / 7P
   1.27mm (.050") Pitch DDR DIMM Socket, Reverse Footprint, 25째 Angle, Low Profile, Single Key, with Beveled Metal Pins and Plastic Pegs, 2.79mm (.110") Tail Length
0876232101 MOLEX9-0876232101 Datasheet
303Kb / 6P
   1.27mm (.050) Pitch DDR DIMM Socket, Low Profile (25째), Single Key, with Beveled Metal Pins and Plastic Pegs, 2.79mm (.110) Tail Length
0876391010 MOLEX9-0876391010 Datasheet
347Kb / 7P
   1.27mm (.050") Pitch DDR DIMM Socket, Reverse Footprint, 25째 Angle, Low Profile,Single Key, with Beveled Metal Pins and Plastic Pegs, 3.18mm (.125") Tail Length,
0876391110 MOLEX9-0876391110 Datasheet
347Kb / 7P
   1.27mm (.050) Pitch DDR DIMM Socket, Reverse Footprint, 25째 Angle, Low Profile, Single Key, with Beveled Metal Pins and Plastic Pegs, 3.18mm (.125) Tail Length
0876391011 MOLEX9-0876391011 Datasheet
347Kb / 7P
   1.27mm (.050") Pitch DDR DIMM Socket, Reverse Footprint, 25째 Angle, Low Profile, Single Key, with Beveled Metal Pins and Plastic Pegs, 3.56mm (.140") Tail Length
0876232115 MOLEX9-0876232115 Datasheet
302Kb / 6P
   1.27mm (.050) Pitch DDR DIMM Socket, Low Profile (25째), Single Key, with Beveled Metal Pins and Plastic Pegs, 3.18mm (.125) Tail Length
0876232113 MOLEX9-0876232113 Datasheet
303Kb / 6P
   1.27mm (.050") Pitch DDR DIMM Socket, Low Profile (25째), Single Key, with Beveled Metal Pins and Plastic Pegs, 3.81mm (.150") Tail Length
0876232013 MOLEX9-0876232013 Datasheet
303Kb / 6P
   1.27mm (.050) Pitch DDR DIMM Socket, Low Profile (25째), Single Key, with Beveled Metal Pins and Plastic Pegs, 3.81mm (.150) Tail Length
0876232012 MOLEX9-0876232012 Datasheet
303Kb / 6P
   1.27mm (.050") Pitch DDR DIMM Socket, Low Profile (25째), Single Key, with Beveled Metal Pins
0876232001 MOLEX9-0876232001 Datasheet
303Kb / 6P
   1.27mm (.050") Pitch DDR DIMM Socket, Low Profile (25째), Single Key, with Beveled Metal Pins
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com