Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SG-10LLXR Datasheet(PDF) 1 Page - Sanken electric

Part # SG-10LLXR
Description  Rectifier Diodes for Alternators
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SG-10LLXR Datasheet(HTML) 1 Page - Sanken electric

  SG-10LLXR Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Absolute maximum ratings
Electrical Characteristics
VRM
(V)
IF (AV)
(A)
IFSM
(A)
Tstg
(ºC)
VF
(V)
max
IR
(mA)
max
IF
(A)
Type No.
Condition
200
20
–40 to +150
200
1.10
20
0.25
1
200
30
–40 to +150
300
1.10
30
0.25
2
200
30
–40 to +150
350
1.20
100
0.25
3
150
35
–40 to +150
400
1.05
100
0.25
3
200
40
–40 to +150
400
1.05
100
0.25
4
150
45
–40 to +150
450
1.00
100
0.25
4
17
30
–40 to +150
350
1.20
100
0.05
3
17
40
–40 to +150
400
1.05
100
0.05
VZ
(V)
23
±3
23
±3
Condition
IZ (mA)
10
10
4
Fig.
No.
Remarks
Power Zener
Type
SG-9CNS
SG-9CNR
SG-9LCNS
SG-9LCNR
SG-10LS
SG-10LR
SG-10LXS
SG-10LXR
SG-10LLS
SG-10LLR
SG-10LLXS
SG-10LLXR
SG-10LZ23S
SG-10LZ23R
SG-10LLZ23S
SG-10LLZ23R
3.1±
0.1
8.4±
0.2
7.0±
0.2
1.5
S type
R type
Polarity
S type
R type
Polarity
S type
R type
Polarity
S type
R type
Polarity
8.5
5.0
2
10
60º
30º
45º
3.0
R1.2
2.0
2.5
4.2
7.2
5.0
0.6
4.4
1.0
0.4
1.4
8.5
5.0
2
10
45º
30º
45º
2.5
0.75
0.75
R1.2
2.0
2.5
7.2
5.0
0.6
4.4
1.0
0.4
1.4
Fig. 1
Fig. 2
Fig. 3
Fig. 4
Rectifier Diodes for Alternators
86
External Dimensions (unit: mm)
3.1±
0.1
8.4±
0.2
9.5±
0.2
1.5
(R0.5)


Similar Part No. - SG-10LLXR

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
SG-10LZ23R THINKISEMI-SG-10LZ23R Datasheet
1Mb / 3P
   30 Ampere Avalanche Type Block Rectifier Diodes for Mitsubishi Alternator
SG-10LZ23S THINKISEMI-SG-10LZ23S Datasheet
1Mb / 3P
   30 Ampere Avalanche Type Block Rectifier Diodes for Mitsubishi Alternator
logo
Sanken electric
SG-10LZ40 SANKEN-SG-10LZ40 Datasheet
273Kb / 7P
   VZ = 40 V (typ.) Automotive Alternator Diode
SG-10LZ40R SANKEN-SG-10LZ40R Datasheet
273Kb / 7P
   VZ = 40 V (typ.) Automotive Alternator Diode
SG-10LZ40S SANKEN-SG-10LZ40S Datasheet
273Kb / 7P
   VZ = 40 V (typ.) Automotive Alternator Diode
More results

Similar Description - SG-10LLXR

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SG-9LLCNS SANKEN-SG-9LLCNS Datasheet
32Kb / 1P
   Rectifier Diodes for Alternators
logo
Thinki Semiconductor Co...
KP40P THINKISEMI-KP40P Datasheet
1Mb / 3P
   40.0Ampere Standard Type Block Rectifier Diodes for Automotive Alternators
A35S THINKISEMI-A35S Datasheet
143Kb / 1P
   35.0 Ampere Avalanche Rectifier Diodes for Car AC Alternators
KP50P THINKISEMI-KP50P Datasheet
1Mb / 3P
   50 Ampere Conventional Type Block Rectifier Diodes for Automotive Alternators
KP35P THINKISEMI-KP35P Datasheet
1Mb / 3P
   35 Ampere Standard Type Block Rectifier Diodes for Automotive Alternators
S35 THINKISEMI-S35 Datasheet
1Mb / 3P
   35 Ampere Standard Type Block Rectifier Diodes for Automotive Alternators
35S THINKISEMI-35S Datasheet
1Mb / 3P
   35 Ampere Standard Type Block Rectifier Diodes for Automotive Alternators
E35A2CS THINKISEMI-E35A2CS Datasheet
1Mb / 3P
   35 Ampere Standard Type Block Rectifier Diodes for Automotive Alternators
GB402N THINKISEMI-GB402N Datasheet
1Mb / 3P
   40 Ampere Standard Type Negative Block Rectifier Diodes for Automotive Alternators
BD402N THINKISEMI-BD402N Datasheet
1Mb / 3P
   40 Ampere Standard Type Negative Block Rectifier Diodes for Automotive Alternators
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com