Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3052V Datasheet(PDF) 3 Page - Sanken electric

Part # SI3052V
Description  3-Terminal, Low Dropout Voltage Dropper Type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SI3052V Datasheet(HTML) 3 Page - Sanken electric

  SI3052V Datasheet HTML 1Page - Sanken electric SI3052V Datasheet HTML 2Page - Sanken electric SI3052V Datasheet HTML 3Page - Sanken electric SI3052V Datasheet HTML 4Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
64
sTa-PD Characteristics
sStandard External Circuit
C1: Oscillation prevention capacitor (approx. 0.33
µF)
Connection to terminal No.3 must be made as short as
possible.
C2: Output capacitor (47 to 100
µF)
Connection to terminal No.2 must be made as short as
possible.
D1: Protection diode (RM1Z)
Required for protection against reverse biasing of input and
output.
Note 1: Prevention of oscillation at low temperatures
At low temperatures, oscillation may occur unless an
output capacitor with good tan
δ is used. Be sure to
connect a tantalum capacitor (approx. 10
µF) in paral-
lel with output capacitor C2.
Note 2: An isolation type diode is provided from input to ground
and also from output to ground. These may be de-
stroyed if the device is reverse biased. In this case,
use a diode with low VF to protect them.
Note 3: The output voltage may not be adjusted by raising the
ground voltage (using a diode or resistor).
VIN
VO
D1
C2
C1
3
2
1
SI-3000V
+
DC input
DC output
qSI-3000V Series
24
20
16
12
8
4
0
–20
0
25
50
75
100
200
×200×2 (2.3°C/W)
100
×100×2 (5.2°C/W)
75
×75×2 (7.6°C/W)
Ambient Temperature Ta (
°C)
Without heatsink
Without Mica
With Silicon Grease
Heatsink: Aluminum
Unit: mm


Similar Part No. - SI3052V

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3050 SILABS-SI3050 Datasheet
234Kb / 2P
   Broadband AND Voice Telephony Solutions
SI3050 SILABS-SI3050 Datasheet
1Mb / 112P
   PCM highway data interface law A-law companding SPI control interface GCl interface
Si3050 SILABS-Si3050 Datasheet
3Mb / 128P
   PROGRAMMABLE VOICE DAA SOLUTIONS
logo
Skyworks Solutions Inc.
SI3050 SKYWORKS-SI3050 Datasheet
1Mb / 128P
   PROGRAMMABLE VOICE DAA SOLUTIONS
Rev. 1.5 August 24, 2021
logo
Silicon Laboratories
SI3050-E-FS SILABS-SI3050-E-FS Datasheet
1Mb / 112P
   GLOBAL VOICE DAA
More results

Similar Description - SI3052V

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-3000N SANKEN-SI-3000N Datasheet
37Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3001N SANKEN-SI-3001N Datasheet
39Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3002N SANKEN-SI-3002N Datasheet
36Kb / 4P
   3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
STR9000 SANKEN-STR9000 Datasheet
53Kb / 5P
   5-Terminal, Low Dropout Voltage Dropper Type
SI-3000P SANKEN-SI-3000P Datasheet
45Kb / 4P
   3-Terminal, Dropper Type
SI-3000J SANKEN-SI-3000J Datasheet
52Kb / 6P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000B SANKEN-SI-3000B Datasheet
46Kb / 5P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3157B SANKEN-SI-3157B Datasheet
46Kb / 5P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3003S SANKEN-SI-3003S Datasheet
27Kb / 2P
   3-terminal Dropper Type Regulator
SI-3000F SANKEN-SI-3000F Datasheet
61Kb / 6P
   5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com