Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0749603028 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0749603028
Description  1.27mm (.050) Pitch TDP짰 (Triad짰 Differential Pair) Receptacle, Right Angle, Surface Mount, with PCB Press-Fit Pegs, 28 Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0749603028 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0749603028 Datasheet HTML 1Page - Molex Electronics Ltd. 0749603028 Datasheet HTML 2Page - Molex Electronics Ltd. 0749603028 Datasheet HTML 3Page - Molex Electronics Ltd. 0749603028 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Reference - Drawing Numbers
Application Specification
AS-74960-100
Packaging Specification
PK-74960-995
Product Specification
PS-74960-000
Sales Drawing
SD-74960-010
This document was generated on 05/28/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0749603028

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0749603018 MOLEX9-0749603018 Datasheet
220Kb / 4P
   1.27mm (.050") Pitch TDP (Triad Differential Pair) PCIe x 1 Receptacle, Right Angle, Surface Mount
0749603048 MOLEX9-0749603048 Datasheet
220Kb / 4P
   1.27mm (.050) Pitch TDP짰 (Triad짰 Differential Pair) Receptacle, Right Angle, Surface Mount, with PCB Press-Fit Pegs, 48 Circuits
More results

Similar Description - 0749603028

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0749603048 MOLEX9-0749603048 Datasheet
220Kb / 4P
   1.27mm (.050) Pitch TDP짰 (Triad짰 Differential Pair) Receptacle, Right Angle, Surface Mount, with PCB Press-Fit Pegs, 48 Circuits
0749603018 MOLEX9-0749603018 Datasheet
220Kb / 4P
   1.27mm (.050") Pitch TDP (Triad Differential Pair) PCIe x 1 Receptacle, Right Angle, Surface Mount
0799250013 MOLEX9-0799250013 Datasheet
217Kb / 2P
   TDP짰 (Triad짰 Differential Pair) Cable Assembly, 48 Circuit, 1.00m (3.281) Length, 4-40 Jackscrew
0879450001 MOLEX10-0879450001 Datasheet
271Kb / 6P
   1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Receptacle, Right Angle, Surface Mount
0879751001 MOLEX10-0879751001 Datasheet
332Kb / 6P
   1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Receptacle, Right Angle, Surface Mount
0459840382 MOLEX6-0459840382 Datasheet
435Kb / 7P
   1.27mm (.050") Pitch, EXTreme LPHPower Receptacle Header with Pegs, Right Angle, 40 Signal Contacts
0738260003 MOLEX8-0738260003 Datasheet
247Kb / 4P
   1.27mm (.050") Pitch EBBI??50D Receptacle, Press-fit, Vertical, SCA-2, 80 Circuits
0738260002 MOLEX8-0738260002 Datasheet
247Kb / 4P
   1.27mm (.050") Pitch EBBI??50D Receptacle, Press-fit, Vertical, SCA-2, 40 Circuits
0738260001 MOLEX8-0738260001 Datasheet
247Kb / 4P
   1.27mm (.050") Pitch EBBI 50D Receptacle, Press-fit, Vertical, SCA-2, 80 Circuits
0879751002 MOLEX10-0879751002 Datasheet
332Kb / 6P
   1.27mm (.050) Signal Pitch, 0.80mm (.031) SCSI Pitch, 1.27mm (.050) Power Pitch SAS Receptacle, Right Angle, Surface Mount, with Straight Solder Tab
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com