Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0754650104 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0754650104
Description  1.85mm by 1.85mm (.073 by .073) Pitch 4 Pair GbX짰 Backplane L-Series Connector System, Open Header, 110 Circuits, Gold (Au) 0.76關m (30關)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX9 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX9 - Molex Electronics Ltd.

0754650104 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0754650104 Datasheet HTML 1Page - Molex Electronics Ltd. 0754650104 Datasheet HTML 2Page - Molex Electronics Ltd. 0754650104 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Stackable
Yes
Surface Mount Compatible (SMC)
No
Temperature Range - Operating
-55°C to +105°C
Termination Interface: Style
Through Hole - Compliant Pin
Electrical
Current - Maximum per Contact
1A
Data Rate
8.0 Gbps
Real Signals (per 25mm)
149
Voltage - Maximum
120V AC (RMS)/DC
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-70873-563
Product Specification
PS-75221-999
Sales Drawing
SD-75465-010
GbX is a registered trademark of Amphenol Corporation.
This document was generated on 05/14/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0754650104

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0754650103 MOLEX9-0754650103 Datasheet
244Kb / 3P
   1.85mm by 1.85mm (.073" by .073") Pitch 4 Pair GbX짰 Backplane L-Series ConnectorSystem, Open Header, 110 Circuits, Gold (Au) 0.76關m (30關"), Pin Length 3.55mm(.140")
0754650105 MOLEX9-0754650105 Datasheet
244Kb / 3P
   1.85mm by 1.85mm (.073" by .073") Pitch 4 Pair GbX Backplane L-Series Connector System
More results

Similar Description - 0754650104

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0758540105 MOLEX9-0758540105 Datasheet
235Kb / 3P
   1.85mm by 1.85mm (.073" by .073") Pitch 4-Pair GbX짰 Backplane L-Series Connector System, Open Header, 110 Circuits, Gold (Au) 0.76關m (30關")
0754650505 MOLEX9-0754650505 Datasheet
254Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 4 Pair GbX짰 Backplane L-Series Connector System, Open Header, 55 Circuits, Gold (Au) 0.76關m (30關)
0754650504 MOLEX9-0754650504 Datasheet
244Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 4 Pair GbX짰 Backplane L-Series Connector System, Open Header, 55 Circuits, Gold (Au) 0.76關m (30關)
0756490503 MOLEX9-0756490503 Datasheet
221Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 2-Pair GbX짰 Backplane L-Series Connector System, Open Header, 40 Circuits, Gold (Au) 0.76關m (30關)
0756490504 MOLEX9-0756490504 Datasheet
224Kb / 3P
   1.85mm by 1.85mm (.073" by .073") Pitch 3-Pair GbX짰 Backplane L-Series Connector System, Open Header, 40 Circuits, Gold (Au) 0.76關m (30關")
0756490505 MOLEX9-0756490505 Datasheet
295Kb / 5P
   1.85mm by 1.85mm (.073 by .073) Pitch 3-Pair GbX짰 Backplane L-Series Connector System, Open Header, 40 Circuits, Gold (Au) 0.76關m (30關)
0754654104 MOLEX9-0754654104 Datasheet
321Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 4-Pair GbX짰 Backplane L-Series Connector System, Right Guide Header, 110 Circuits, Gold (Au) 0.76關m (30關)
0758610104 MOLEX9-0758610104 Datasheet
166Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 2-Pair GbX짰 Backplane L-Series Connector System, Open Header, 55 Circuits, Gold (Au) 0.76關m (30關)
0758610103 MOLEX9-0758610103 Datasheet
166Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 2-Pair GbX짰 Backplane L-Series Connector System, Open Header, 55 Circuits, Gold (Au) 0.76關m (30關)
0754654504 MOLEX9-0754654504 Datasheet
321Kb / 3P
   1.85mm by 1.85mm (.073 by .073) Pitch 4-Pair GbX짰 Backplane L-Series Connector System, Right Guide Header, 55 Circuits, Gold (Au) 0.76關m (30關)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com